Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9-59558-0 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 9-59558-0
Szczegółowy opis  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-59558-0 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  9-59558-0 Datasheet HTML 1Page - TE Connectivity Ltd 9-59558-0 Datasheet HTML 2Page - TE Connectivity Ltd 9-59558-0 Datasheet HTML 3Page - TE Connectivity Ltd 9-59558-0 Datasheet HTML 4Page - TE Connectivity Ltd 9-59558-0 Datasheet HTML 5Page - TE Connectivity Ltd 9-59558-0 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2014 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
1 of 6
Instruction Sheet
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
LOC B
408-2823
TETRA-CRIMP*
Hand Crimping Tool 59824-1
12 JUN 14 Rev Z
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use
and low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
Figure 1
1. INTRODUCTION
TETRA-CRIMP Hand Crimping Tool 59824-1 (shown
in Figure 1) is designed to crimp the terminals and
splices listed in Figure 2 onto stranded wire sizes 22
through 10 AWG. Refer to Catalog 82042 for product
part numbers. Read these instructions thoroughly
before using the hand tool.
Dimensions in this instruction sheet are in
millimeters [with inches in brackets]. Figures and
illustrations are for reference only and are not
drawn to scale.
Reasons for reissue are provided in Section 8,
REVISION SUMMARY.
2. DESCRIPTION
Each hand tool features two crimping dies, a spring-
loaded locator assembly, and a ratchet handle with a
ratchet pawl. See Figure 1.When closed, the dies form
three crimping chambers each labeled by color on the
BACK side of the tool. The color indicates the wire
size and must match the insulation color of the
terminal or splice: yellow (12-10), blue (16-14), red
(22-16), black heavy duty (16-14 HD), and green
(20-16 HD).
The locator assembly positions the terminal or splice
between the crimping dies. The ratchet handle
assures full crimping. Once engaged, the ratchet will
not release until the tool handles have been FULLY
closed, unless the ratchet pawl is depressed to
manually release the ratchet. This feature, when
depressed, prevents crimping of an improperly
positioned terminal or splice.
The crimping dies bottom before the ratchet
releases. This feature assures maximum electrical
and tensile performance of the crimp. Do NOT
re-adjust the ratchet.
3. CRIMPING PROCEDURE
Select the appropriate wire size and terminal or splice
for the hand tool. The wire size and insulation
diameter must be within the specified range for the
terminal or splice. Strip the wire to the dimension
provided in Figure 2. Do NOT nick or cut the wire
strands. Then, proceed as follows:
1. Open the crimping dies by squeezing the tool
handles together until the ratchet releases.
2. Push the locator assembly away from the upper
crimping die slightly and hold.
a. If crimping a terminal, position the wire
barrel in the appropriate crimping chamber
between the locator assembly and the upper
die. Make sure that the flat side of the terminal
faces up. See Figure 3, Detail A.
b. If crimping a splice, position the wire barrel
in the appropriate crimping chamber. Seat the
splice window indent on the locator assembly.
Refer to Figure 3, Detail B.
3. Holding the wire barrel in place, release the
locator assembly.
4. Hold the tool so that the BACK side is facing you,
and insert the stripped wire into wire barrel until the
wire bottoms. Refer to Figure 3.
Crimping
Chamber Label
Crimping Chamber
(3 Places)
Back Side of Tool
Locator
Assembly
Crimping
Dies
Ratchet
Pawl
Ratchet
Handle
NOTE
i
CAUTION
!


Podobny numer części - 9-59558-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
9-510500-4 TEC-9-510500-4 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-510500-4 TEC-9-510500-4 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-5179180-6 TEC-9-5179180-6 Datasheet
731Kb / 4P
   REC ASSYY 9H TYPE (0.5 BOSS L) FOR FH 0.8mm B-T-B CONN ON TAPING
logo
Tyco Electronics
9-51864-1 MACOM-9-51864-1 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
9-51864-3 MACOM-9-51864-3 Datasheet
203Kb / 2P
   TERMINAL RING TONGUE, I.R., PIDG, WIRE SIZE, 16-14WG
More results

Podobny opis - 9-59558-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com