Zakładka z wyszukiwarką danych komponentów |
|
MC26C32P Arkusz danych(PDF) 3 Page - Motorola, Inc |
|
MC26C32P Arkusz danych(HTML) 3 Page - Motorola, Inc |
3 / 4 page MC26C32 MOTOROLA 3 AC CHARACTERISTICS (VCC = 4.5 to 5.5 V, TA = – 40 to + 85°C, unless otherwise stated) Parameter Symbol Min Typ Max Unit Propagation Delay Input to Output, CL = 50 pF, VDIFF = 2.5 V tPLH tPHL — 18 30 ns Skew = tPHL – tPLH Skew — 1 — ns Propagation Delay Enable to Output CL = 50 pF, RL = 1000 Ω, VDIFF = 2.5 V tPLZ tPHZ — 12 — ns Propagation Delay Enable to Output CL = 50 pF, RL = 1000 Ω, VDIFF = 2.5 V tPZL tPZH — 14 — ns * Skew: difference in propagation delays between complementary outputs. AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS Figure 1. Test Circuit 4.9 k Ω S1 VCC OUTPUT S2 CL = 49 pF RL = 2 kΩ TEST POINT OUTPUT 0 V tPHL Figure 2. Propagation Delays 1.3 V 1.3 V 0 V INPUT tPLH + 2.5 V — – 2.5 V S1 AND S2 CLOSED Figure 3. Enable and Disable Times OUTPUT A 1.3 V tPHZ OUTPUT B 50% 1.3 V ENABLE INPUT 50% VOL VOH tPZH tPLZ tPZL 3 V — 0 V S1 OPEN S2 CLOSED S1 CLOSED S2 CLOSED S1 CLOSED S2 OPEN S1 CLOSED S2 CLOSED 0.5 V 0.5 V TYPICAL APPLICATIONS Figure 4. Two–Wire Balanced Systems (EIA–422–A) + – DATA DATA OUTPUT ENABLE |
Podobny numer części - MC26C32P |
|
Podobny opis - MC26C32P |