Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC807-40WT3G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części BC807-40WT3G
Szczegółowy opis  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC807-40WT3G Arkusz danych(HTML) 4 Page - ON Semiconductor

  BC807-40WT3G Datasheet HTML 1Page - ON Semiconductor BC807-40WT3G Datasheet HTML 2Page - ON Semiconductor BC807-40WT3G Datasheet HTML 3Page - ON Semiconductor BC807-40WT3G Datasheet HTML 4Page - ON Semiconductor BC807-40WT3G Datasheet HTML 5Page - ON Semiconductor BC807-40WT3G Datasheet HTML 6Page - ON Semiconductor BC807-40WT3G Datasheet HTML 7Page - ON Semiconductor BC807-40WT3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BC807−25W, BC807−40W
http://onsemi.com
4
TYPICAL CHARACTERISTICS − BC807−25W, SBC807−25W
IB, BASE CURRENT (mA)
Figure 6. Saturation Region
100
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT
Figure 8. Capacitances
-0.1
-1.0
-1.0
-10
-100
-1000
-2.0
-1.0
0
-1.0
-0.8
-0.6
-0.4
-0.2
0
-0.01
-0.1
-10
-100
-1.0
-10
-100
TJ = 25°C
IC = -10 mA
IC = -100 mA
IC = -300 mA
IC =
-500 mA
qVC for VCE(sat)
qVB for VBE
Cob
Cib


Podobny numer części - BC807-40WT3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WILLAS ELECTRONIC CORP
BC807-40WT1 WILLAS-BC807-40WT1 Datasheet
315Kb / 3P
   General Purpose Transistors
More results

Podobny opis - BC807-40WT3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com