Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31AG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części TIP31AG
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31AG Arkusz danych(HTML) 2 Page - ON Semiconductor

  TIP31AG Datasheet HTML 1Page - ON Semiconductor TIP31AG Datasheet HTML 2Page - ON Semiconductor TIP31AG Datasheet HTML 3Page - ON Semiconductor TIP31AG Datasheet HTML 4Page - ON Semiconductor TIP31AG Datasheet HTML 5Page - ON Semiconductor TIP31AG Datasheet HTML 6Page - ON Semiconductor TIP31AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mAdc, IB = 0)
TIP31G, TIP32G
TIP31AG, TIP32AG
TIP31BG, TIP32BG
TIP31CG, TIP32CG
VCEO(sus)
40
60
80
100
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP31G, TIP32G, TIP31AG, TIP32AG
(VCE = 60 Vdc, IB = 0)
TIP31BG, TIP31CG, TIP32BG, TIP32CG
ICEO
0.3
0.3
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP31G, TIP32G
(VCE = 60 Vdc, VEB = 0)
TIP31AG, TIP32AG
(VCE = 80 Vdc, VEB = 0)
TIP31BG, TIP32BG
(VCE = 100 Vdc, VEB = 0)
TIP31CG, TIP32CG
ICES
200
200
200
200
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 1.0 Adc, VCE = 4.0 Vdc)
(IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
25
10
50
Collector−Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 375 mAdc)
VCE(sat)
1.2
Vdc
Base−Emitter On Voltage
(IC = 3.0 Adc, VCE = 4.0 Vdc)
VBE(on)
1.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
3.0
MHz
Small−Signal Current Gain
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.


Podobny numer części - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP31AG ONSEMI-TIP31AG Datasheet
123Kb / 6P
   Complementary Silicon Plastic Power Transistors
September, 2005 ??Rev. 10
More results

Podobny opis - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com