Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31AG Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części TIP31AG
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31AG Arkusz danych(HTML) 3 Page - ON Semiconductor

  TIP31AG Datasheet HTML 1Page - ON Semiconductor TIP31AG Datasheet HTML 2Page - ON Semiconductor TIP31AG Datasheet HTML 3Page - ON Semiconductor TIP31AG Datasheet HTML 4Page - ON Semiconductor TIP31AG Datasheet HTML 5Page - ON Semiconductor TIP31AG Datasheet HTML 6Page - ON Semiconductor TIP31AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
3
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
100
0
1.0
160
2.0
3.0
60
80
40
140
4.0
TURN−ON PULSE
APPROX
+11 V
Vin 0
VEB(off)
t1
APPROX
+11 V
Vin
t2
TURN−OFF PULSE
t3
t1 ≤ 7.0 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE
≈ 2.0%
APPROX − 9.0 V
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
SCOPE
RC
RB
VCC
Vin
Cjd << Ceb
− 4.0 V
Figure 2. Switching Time Equivalent Circuit
0.03
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.1
3.0
0.07
1.0
1.0
IC/IB = 10
TJ = 25°C
tr @ VCC = 10 V
0.5
0.3
0.1
0.05
0.05
0.3
0.5
td @ VEB(off) = 2.0 V
0.03
0.7
2.0
tr @ VCC = 30 V
20
120
TC
TA
0
10
20
30
40
TC
TA


Podobny numer części - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP31AG ONSEMI-TIP31AG Datasheet
123Kb / 6P
   Complementary Silicon Plastic Power Transistors
September, 2005 ??Rev. 10
More results

Podobny opis - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com