Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31AG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części TIP31AG
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31AG Arkusz danych(HTML) 4 Page - ON Semiconductor

  TIP31AG Datasheet HTML 1Page - ON Semiconductor TIP31AG Datasheet HTML 2Page - ON Semiconductor TIP31AG Datasheet HTML 3Page - ON Semiconductor TIP31AG Datasheet HTML 4Page - ON Semiconductor TIP31AG Datasheet HTML 5Page - ON Semiconductor TIP31AG Datasheet HTML 6Page - ON Semiconductor TIP31AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
4
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
ZqJC(t) = r(t) RqJC
RqJC(t) = 3.125°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) ZqJC(t)
P(pk)
t1
t2
SINGLE PULSE
1.0 k
D = 0.5
0.05
DUTY CYCLE, D = t1/t2
Figure 4. Thermal Response
0.1
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.05
0.2
0.5
2.0
5.0
200
500
10
20
50
0.2
0.02
0.01
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
20
5.0
50
100
Figure 5. Active Region Safe Operating Area
0.2
0.1
0.5
SECONDARY BREAKDOWN
LIMITED @ TJ ≤ 150°C
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
BONDING WIRE LIMIT
1.0ms
100
ms
2.0
1.0
10
5.0
5.0ms
CURVES APPLY
BELOW RATED VCEO
TIP31A, TIP32A
TIP31B, TIP32B
TIP31C, TIP32C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150
°C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
≤ 150°C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown.
0.05
0.1
0.2
0.7
0.03
0.3
0.5
0.07
IC, COLLECTOR CURRENT (AMP)
Figure 6. Turn−Off Time
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
1.0
2.0
3.0
0.2
0.5
1.0
5.0
0.1
2.0 3.0
0.3
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Capacitance
300
200
100
70
50
30
10
20
40
30
tf @ VCC = 30 V
tf @ VCC = 10 V
ts
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
TJ = +25°C
Ceb
Ccb


Podobny numer części - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP31AG ONSEMI-TIP31AG Datasheet
123Kb / 6P
   Complementary Silicon Plastic Power Transistors
September, 2005 ??Rev. 10
More results

Podobny opis - TIP31AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com