Zakładka z wyszukiwarką danych komponentów |
|
TIP32AG Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
TIP32AG Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2015 September, 2015 − Rev. 16 1 Publication Order Number: TIP31A/D TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G,TIP32AG, TIP32BG, TIP32CG(PNP) Complementary Silicon Plastic Power Transistors Designed for use in general purpose amplifier and switching applications. Features • High Current Gain − Bandwidth Product • Compact TO−220 Package • These Devices are Pb−Free and are RoHS Compliant* MAXIMUM RATINGS Rating Symbol Value Unit Collector − Emitter Voltage TIP31G, TIP32G TIP31AG, TIP32AG TIP31BG, TIP32BG TIP31CG, TIP32CG VCEO 40 60 80 100 Vdc Collector−Base Voltage TIP31G, TIP32G TIP31AG, TIP32AG TIP31BG, TIP32BG TIP31CG, TIP32CG VCB 40 60 80 100 Vdc Emitter−Base Voltage VEB 5.0 Vdc Collector Current − Continuous IC 3.0 Adc Collector Current − Peak ICM 5.0 Adc Base Current IB 1.0 Adc Total Power Dissipation @ TC = 25°C Derate above 25 °C PD 40 0.32 W W/ °C Total Power Dissipation @ TA = 25°C Derate above 25 °C PD 2.0 0.016 W W/ °C Unclamped Inductive Load Energy (Note 1) E 32 mJ Operating and Storage Junction Tem- perature Range TJ, Tstg – 65 to + 150 °C Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. IC = 1.8 A, L = 20 mH, P.R.F. = 10 Hz, VCC = 10 V, RBE = 100 W THERMAL CHARACTERISTICS Characteristic Symbol Max Unit Thermal Resistance, Junction−to−Ambient RqJA 62.5 °C/W Thermal Resistance, Junction−to−Case RqJC 3.125 °C/W *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. TO−220 CASE 221A STYLE 1 MARKING DIAGRAM 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 40−60−80−100 VOLTS, 40 WATTS www.onsemi.com 1 2 3 4 TIP3xx = Device Code xx = 1, 1A, 1B, 1C, 2, 2A, 2B, 2C, A = Assembly Location Y = Year WW = Work Week G Pb−Free Package TIP3xxG AYWW See detailed ordering and shipping information on page 6 of this data sheet. ORDERING INFORMATION 1 BASE 3 EMITTER COLLECTOR 2,4 1 BASE 3 EMITTER COLLECTOR 2,4 NPN PNP |
Podobny numer części - TIP32AG |
|
Podobny opis - TIP32AG |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |