Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP32BG Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części TIP32BG
Szczegółowy opis  Complementary Silicon Plastic Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP32BG Arkusz danych(HTML) 5 Page - ON Semiconductor

  TIP32BG Datasheet HTML 1Page - ON Semiconductor TIP32BG Datasheet HTML 2Page - ON Semiconductor TIP32BG Datasheet HTML 3Page - ON Semiconductor TIP32BG Datasheet HTML 4Page - ON Semiconductor TIP32BG Datasheet HTML 5Page - ON Semiconductor TIP32BG Datasheet HTML 6Page - ON Semiconductor TIP32BG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TIP31G, TIP31AG, TIP31BG, TIP31CG (NPN), TIP32G, TIP32AG, TIP32BG,
TIP32CG (PNP)
www.onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
103
-0.4
101
100
10-2
102
10-1
10-3
107
105
104
102
106
103
IB, BASE CURRENT (mA)
IC, COLLECTOR CURRENT (AMP)
Figure 8. DC Current Gain
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMP)
300
500
0.05 0.07
0.3
3.0
0.03
100
70
50
30
10
7.0
0.1
VBE, BASE−EMITTER VOLTAGE (VOLTS)
Figure 10. “On” Voltages
VCE = 2.0 V
5.0
0.7 1.0
0.5
1.6
2.0
2.0
5.0
20
1000
1.0
0.8
0.4
10
0
100
200
500
50
25
°C
TJ = 150°C
-55
°C
1.2
1.4
0.003
IC, COLLECTOR CURRENT (AMPS)
1.0
0.8
0.4
1.2
0.6
0.2
0
0.005 0.01 0.02 0.03 0.05
0.1
+2.5
IC = 0.3 A
20
60
80
100
120
160
140
40
TJ = 25°C
1.0 A
3.0 A
0.2 0.3 0.5
1.0
2.0 3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
VCE(sat) @ IC/IB = 10
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
0.003 0.005 0.01
0.02
0.05
0.1
0.2 0.3 0.5
1.0
2.0 3.0
*APPLIES FOR IC/IB ≤ hFE/2
TJ = -65°C TO +150°C
*
qVC FOR VCE(sat)
qVB FOR VBE
Figure 11. Temperature Coefficients
-0.3 -0.2 -0.1
0
+0.1 +0.2 +0.3 +0.4 +0.5
+0.6
Figure 12. Collector Cut−Off Region
Figure 13. Effects of Base−Emitter Resistance
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
IC = 2 x ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)


Podobny numer części - TIP32BG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP32BG ONSEMI-TIP32BG Datasheet
123Kb / 6P
   Complementary Silicon Plastic Power Transistors
September, 2005 ??Rev. 10
More results

Podobny opis - TIP32BG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com