Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13282A Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC13282A
Szczegółowy opis  100 MHz VIDEO PROCESSOR WITH OSD INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13282A Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC13282A Datasheet HTML 1Page - Motorola, Inc MC13282A Datasheet HTML 2Page - Motorola, Inc MC13282A Datasheet HTML 3Page - Motorola, Inc MC13282A Datasheet HTML 4Page - Motorola, Inc MC13282A Datasheet HTML 5Page - Motorola, Inc MC13282A Datasheet HTML 6Page - Motorola, Inc MC13282A Datasheet HTML 7Page - Motorola, Inc MC13282A Datasheet HTML 8Page - Motorola, Inc MC13282A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC13282A
4
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Pin
Name
Equivalent Internal Circuit
Description
1
R Subcontrast
Control
VCC
These pin provides a maximum of 26 dB attenuation
to vary the gain of each video amplifier separately.
Input voltage is from 0 to 5.0 V. Increasing the voltage
3
G Subcontrast
Control
5.0 V
50 k
Input voltage is from 0 to 5.0 V. Increasing the voltage
will increase the contrast level.
5
B Subcontrast
Control
2
R Input
5.0 V
Vref
Cl
The input coupling capacitor is used for input
clamping storage. The maximum source impedance
is 100
Ω.
I
t
l it
f th
id
i
l i
iti
4
G Input
5.0 V
10 k
10 k
Clamp
75
0.1
Input polarity of the video signal is positive.
Nominal 0.7 Vpp input signal is recommended
(maximum 1.0 Vpp).
6
B Input
1.0 k
10 k
75
7
Ground
Ground pin. Connect to a clean, solid ground.
8
ROSD Input
VCC
These inputs are standard TTL level.
10
GOSD Input
80 k
12
BOSD Input
60 k
9
VCC
Connect to 8.0 Vdc supply,
±5%. Decoupling is
required at this pin.
11
OSD Contrast
5.0 V
VCC
3.5 k
On Screen Display contrast control.
Input voltage is from 0 to 5.0 V. Increasing the voltage
will increase the contrast of the OSD signal.
13
Contrast
2.5 V
42 k
5.0 V
2.0 k
Overall Contrast Control for the three channels.
The input range is 0 V to 5.0 V. An increase of voltage
increases the contrast.


Podobny numer części - MC13282A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13280AYP MOTOROLA-MC13280AYP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281A MOTOROLA-MC13281A Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281AP MOTOROLA-MC13281AP Datasheet
159Kb / 12P
   80/100 MHz Video Processor
MC13281B MOTOROLA-MC13281B Datasheet
159Kb / 12P
   80/100 MHz Video Processor
More results

Podobny opis - MC13282A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13283 MOTOROLA-MC13283 Datasheet
58Kb / 2P
   130 MHz VIDEO PROCESSOR WITH OSD INTERFACE
logo
Analog Devices
ADV8002KBCZ-7B AD-ADV8002KBCZ-7B Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD
Rev. SpA
logo
Samsung semiconductor
KB2502 SAMSUNG-KB2502 Datasheet
724Kb / 62P
   VIDEO AMP MERGED OSD PROCESSOR
logo
Motorola, Inc
MC13280AY MOTOROLA-MC13280AY Datasheet
159Kb / 12P
   80/100 MHz Video Processor
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM1212 NSC-LM1212 Datasheet
299Kb / 18P
   230 MHz Video Amplifier System with OSD Blanking
logo
Samsung semiconductor
KB2514 SAMSUNG-KB2514 Datasheet
563Kb / 55P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
DS_S1D2502A01 SAMSUNG-DS_S1D2502A01 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
logo
Analog Devices
ADV8002KBCZ AD-ADV8002KBCZ Datasheet
85Kb / 2P
   Video Signal Processor with Bitmap OSD, Dual HDMI Tx, and Video Encoder
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com