Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14597BCP Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC14597BCP
Szczegółowy opis  8-BIT BUS-COMPATIBLE LATCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14597BCP Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC14597BCP Datasheet HTML 1Page - Motorola, Inc MC14597BCP Datasheet HTML 2Page - Motorola, Inc MC14597BCP Datasheet HTML 3Page - Motorola, Inc MC14597BCP Datasheet HTML 4Page - Motorola, Inc MC14597BCP Datasheet HTML 5Page - Motorola, Inc MC14597BCP Datasheet HTML 6Page - Motorola, Inc MC14597BCP Datasheet HTML 7Page - Motorola, Inc MC14597BCP Datasheet HTML 8Page - Motorola, Inc MC14597BCP Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
5
MC14597B MC14598B
MC14598B FUNCTION DIAGRAM
ENABLE
4
RESET
2
STROBE
6
DATA
3
TO OTHER
LATCHES
VDD
VSS
EACH LATCH
ZERO
SELECT
1
D0
17
D1
16
D2
15
D3
14
D4
13
D5
12
D6
11
D7
ADDRESS
DECODER
ADDITIONAL 7 LATCHES
A0
7
A1
8
A2
10
TO OTHER
LATCHES
(M.S.B)
MC14598B TIMING DIAGRAM
* 1.4 V with VDD = 5.0 V
NOTES:
1. High–impedance output state (another device controls bus).
2. Output Load as for MC14597B.
D7
RESET
A0, A1, A2
DATA
STROBE
ENABLE
90%
10%
50%
50%
tPHL
tPLH
1
tTHL
tPLH
90%
10%
tTLH
tW
50%
20 ns
90%
10%
tsu th
th
tsu
90%
10%
50%
90%
10%
20 ns
tW
20 ns
tW
*


Podobny numer części - MC14597BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14598B ONSEMI-MC14598B Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC14598BCP ONSEMI-MC14598BCP Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC14598BCPG ONSEMI-MC14598BCPG Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
More results

Podobny opis - MC14597BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI-CY74FCT2373T Datasheet
56Kb / 6P
[Old version datasheet]   8-Bit Latches
logo
ON Semiconductor
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
logo
Texas Instruments
SN74100 TI-SN74100 Datasheet
127Kb / 3P
[Old version datasheet]   8-BIT BISTABLE LATCHES
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com