Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC143421 Arkusz danych(PDF) 9 Page - Motorola, Inc

Numer części MC143421
Szczegółowy opis  PCI Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC143421 Arkusz danych(HTML) 9 Page - Motorola, Inc

Back Button MC143421 Datasheet HTML 3Page - Motorola, Inc MC143421 Datasheet HTML 4Page - Motorola, Inc MC143421 Datasheet HTML 5Page - Motorola, Inc MC143421 Datasheet HTML 6Page - Motorola, Inc MC143421 Datasheet HTML 7Page - Motorola, Inc MC143421 Datasheet HTML 8Page - Motorola, Inc MC143421 Datasheet HTML 9Page - Motorola, Inc MC143421 Datasheet HTML 10Page - Motorola, Inc MC143421 Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MC143421
MOTOROLA
9
INTERNAL REGISTER DESCRIPTION
Offset
Bits
Description
00h
0
External reset, controlling pin ERESET
on the PIB
1
Reserved
2
Reserved
3
Reserved
5:4
00: PIB three–cycle operation
01: PIB five–cycle operation
1–: PIB twelve–cycle operation
6
Reserved
7
Reserved
01h
7:0
Reserved
02h
7:0
AUX pin control register. The
corresponding AUX pin is an output
when set to 1.
03h
7:0
AUX pin data register. When AUX pin is
set as an output, the output state will be
controlled by this register.
04h
7:0
Reserved
05h
7:0
Interrupt 1 mask register. Selects the
AUX input that will generate the interrupt.
06h
7:0
Reserved
07h
7:0
AUX pin status register. Reads the status
of the AUX pin.
29h
7:0
ACPI mask register. Set to 1 to select the
AUX input to be used to enable PME#
output. Enables an external event (such
as a ring) to switch on the computer.
2ah
7:0
AUX pin data polarity control register. Set
to 1 to invert the polarity of data.
2bh
0
AUX pin data select register. Bit 0 set to
1, AUX[6:7] becomes power state bit
(reference PCI config register 44h[1:0]).
C0 to FF
7:0
Peripheral Interface Bus Addressing
Access Procedures
All the internal registers are IO/MEM mapped. They can be
accessed with either I/O or memory read/write command
from the PCI bus.
For I/O access, the host needs to send the address with
bits A31 to A8 to match the data in configuration register 10h
bits 31 to 8. Also, the address bits 7 and 6 need to be set to
0.
For memory access, the address bits A31 to A12 need to
match the value in configuration register 14h bits 31 to 12
and the address bits 11 to 6 need to all be 0. The internal reg-
isters are byte addressable.


Podobny numer części - MC143421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC143416 FREESCALE-MC143416 Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
MC143416PB FREESCALE-MC143416PB Datasheet
744Kb / 24P
   Dual 16-Bit Linear Codec-Filter
More results

Podobny opis - MC143421

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing Qinheng Microel...
CH365 WCH-CH365 Datasheet
272Kb / 18P
   PCI Bus Interface ChIp
logo
Texas Instruments
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
List of Unclassifed Man...
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
   33Mhz PCI to Local Bus Interface
logo
National Instruments Co...
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Texas Instruments
TI380PCI TI1-TI380PCI Datasheet
477Kb / 36P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
TI380PCIA TI-TI380PCIA Datasheet
530Kb / 40P
[Old version datasheet]   PCI BUS INTERFACE FOR THE TI380 COMMPROCESSORS
logo
Oxford Semiconductor
OX9162 OXFORD-OX9162 Datasheet
515Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
List of Unclassifed Man...
OX9162 ETC1-OX9162 Datasheet
334Kb / 41P
   Integrated Parallel Port/Local Bus and PCI interface
logo
PCA ELECTRONICS INC.
EPE6273 PCA-EPE6273 Datasheet
63Kb / 1P
   10 Base-T Interface Module for PCI BUS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com