Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL321CP Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części TL321CP
Szczegółowy opis  OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL321CP Arkusz danych(HTML) 3 Page - Texas Instruments

  TL321CP Datasheet HTML 1Page - Texas Instruments TL321CP Datasheet HTML 2Page - Texas Instruments TL321CP Datasheet HTML 3Page - Texas Instruments TL321CP Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PARAMETER
TEST CONDITIONS†
UNIT
VIO
Input offset voltage
mV
IIO
Input offset current
VO = 1.4 V
nA
IIB
Input bias current
VO = 1.4 V
nA
VCC = 5 V to 30 V
V
VICR
Common-mode input voltage
range
Full range
25
°C
25
100
50
100
15
25
IO
Output current
mA
25
°C
25
°C
Full range
Full range
–20
– 40
–25
– 40
–20
–10
– 20
–10
20
10
20
10
58
5
8
ICC
Supply current
mA
TL321C, TL321I
OPERATIONAL AMPLIFIERS
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
3
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
TL321C
TL321I
MIN
TYP
MAX
MIN
TYP
MAX
VIC = VICR min,
VCC = 5 V to 30 V,
25
°C
2
7
2
5
VO = 1.4 V,
RS = 50 kΩ
Full range
9
7
25
°C
5
50
3
30
Full range
150
100
25
°C
–45
– 250
–45
– 150
Full range
– 500
– 300
25
°C
0 to
VCC –1.5
0 to
VCC –1.5
Full range
0 to
VCC –1.5
0 to
VCC –1.5
VCC = 30 V,
RL = 2 kΩ
Full range
26
26
VOH
High-level output voltage
VCC = 30 V,
RL ≥ 10 kΩ
Full range
27
28
27
28
V
RL ≥ 2 kΩ
25
°C
3.5
3.5
VOL
Low-level output voltage
RL ≥ 10 kΩ
Full range
5
20
5
20
mV
AVD
Large-signal differential
voltage amplification
VCC = 15 V,
VO = 1 V to 11 V,
RL = 2 kΩ
V/mV
CMRR
Common-mode rejection ratio
VIC = VICR min,
RS = 50 kΩ
25
°C
65
85
70
85
dB
kSVR
Supply voltage rejection ratio
(
∆VCC/∆VIO)
VCC = 5 V to 30 V,
RS = 50 kΩ
25
°C
65
100
65
100
dB
Source
VCC = 15 V.
VID = 1 V,
VO = 0
Sink
VCC = 15 V.
VID = – 1 V,
VO = 15 V
VID = – 1 V,
VO = 200 V
25
°C
12
50
12
50
µA
No load,
VO = 15 V,
VCC = 30 V
Full range
2
2
No load,
VO = 2.5 V,
VCC = 5 V
Full range
1
0.4
1
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range is 0
°C to
70
°C for TL321C and –25°C to 85°C for TL321I.


Podobny numer części - TL321CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
TL3210AF160BQ E-SWITCH-TL3210AF160BQ Datasheet
232Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Podobny opis - TL321CP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com