Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145745 Arkusz danych(PDF) 8 Page - Motorola, Inc

Numer części MC145745
Szczegółowy opis  V.21/V.23 TELEMETER MODEM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145745 Arkusz danych(HTML) 8 Page - Motorola, Inc

Back Button MC145745 Datasheet HTML 4Page - Motorola, Inc MC145745 Datasheet HTML 5Page - Motorola, Inc MC145745 Datasheet HTML 6Page - Motorola, Inc MC145745 Datasheet HTML 7Page - Motorola, Inc MC145745 Datasheet HTML 8Page - Motorola, Inc MC145745 Datasheet HTML 9Page - Motorola, Inc MC145745 Datasheet HTML 10Page - Motorola, Inc MC145745 Datasheet HTML 11Page - Motorola, Inc MC145745 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC145745
MOTOROLA
8
SCP TIMING CHARACTERISTICS
Ref.
No.
Characteristic
Min
Max
Unit
1
SCPEN Active Before Rising Edge of SCPCLK
50
ns
2
SCPCLK Rising Edge Before SCPEN Active
50
ns
3
SCP Rx Setup Time Before SCPCLK Rising Edge
35
ns
4
SCP Rx Hold Time After SCPCLK Rising Edge
20
ns
5
SCPCLK Period
250
ns
6
SCPCLK Pulse Width (Low)
50
ns
7
SCPCLK Pulse Width (High)
50
ns
8
SCP Tx Active Delay Time
0
50
ns
9
SCPCLK Falling Edge to SCP Tx High Impedance
30
ns
10
SCPEN Inactive Before SCPCLK Rising Edge
50
ns
11
SCPCLK Rising Edge Before SCPEN Inactive
50
ns
12
SCPCLK Falling Edge to SCP Tx Valid Data
0
50
ns
Figure 4. Serial Control Port Timing
SCP Rx
R/W
A2
A1
A0
D3
D2
D1
D0
12
345
678
9
2
1
3
4
5
7
6
11
D3
D2
D1
D0
SCP Tx
9
12
8
10
SCPEN
SCPCLK


Podobny numer części - MC145745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
More results

Podobny opis - MC145745

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com