Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB12-600BW Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części BTB12-600BW
Szczegółowy opis  isc Triacs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB12-600BW Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB12-600BW Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTB12-600BW
FEATURES
·
With TO-220AB non insulated package
·
Suitables for general purpose AC switching. Which can be
used as an ON/OFF function in applications such as static relays,
heating regulation,induction motor starting circuits. Or for phase
control operation in light dimmers, motor speed controllers etc.
·
Minimum Lot-to-Lot variations for robust device performance and
reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tc=105℃
12
A
ITSM
Non-repetitive peak on-state current
tp=20ms
120
A
Tj
Operating junction temperature
125
Tstg
Storage temperature
-40~150
Rth(j-c)
Thermal resistance, junction to case
1.4
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=125
0.005
1
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=125
0.005
1
mA
IGT
Gate trigger current
-Ⅱ-Ⅲ VD=12V; RL= 30Ω
50
mA
IH
Holding current
IGT= 0.5A, Gate Open
50
mA
VGT
Gate trigger voltage
-Ⅱ-Ⅲ VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 17A; tp= 380μs
1.55
V


Podobny numer części - BTB12-600BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTB12-600BW STMICROELECTRONICS-BTB12-600BW Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTB12-600BW KERSEMI-BTB12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Jiangsu Changjiang Elec...
BTB12-600BW JIANGSU-BTB12-600BW Datasheet
605Kb / 3P
   TO-220-3L Plastic-Encapsulate ThyristorS
logo
STMicroelectronics
BTB12-600BW STMICROELECTRONICS-BTB12-600BW Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
logo
HAOPIN MICROELECTRONICS...
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
   Three quadrant triacs
More results

Podobny opis - BTB12-600BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
Q8006DH4 ISC-Q8006DH4 Datasheet
163Kb / 1P
   isc Triacs
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
   isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
   isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
   isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
   isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
   isc Triacs
BTA16-600SWRG ISC-BTA16-600SWRG Datasheet
234Kb / 1P
   isc Triacs
BTA208-600 ISC-BTA208-600 Datasheet
234Kb / 1P
   isc Triacs
ISCC1896 ISC-ISCC1896 Datasheet
374Kb / 2P
   isc Triacs
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
   isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
   isc Triacs
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com