Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74479262210 Arkusz danych(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74479262210
Szczegółowy opis  WE-PMCI Power Molded Chip Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479262210 Arkusz danych(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479262210 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479262210 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-PMCI of Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body, pins
or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
DDi
DIN ISO 2768-1m
DESCRIPTION
WE-PMCI Power Molded Chip
Inductor
ORDER CODE
74479262210
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
0603
001.000
Draft
2016-04-13
eiSos
5/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74479262210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74479262147 WURTH-74479262147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results

Podobny opis - 74479262210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74479275210 WURTH-74479275210 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276222C WURTH-74479276222C Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299222 WURTH-74479299222 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479299147 WURTH-74479299147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479287210 WURTH-74479287210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479288210 WURTH-74479288210 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479262147 WURTH-74479262147 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479275147 WURTH-74479275147 Datasheet
288Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276124 WURTH-74479276124 Datasheet
286Kb / 6P
   WE-PMCI Power Molded Chip Inductor
74479276168 WURTH-74479276168 Datasheet
287Kb / 6P
   WE-PMCI Power Molded Chip Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com