Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5904-EVALZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADL5904-EVALZ
Szczegółowy opis  RMS and envelope threshold detection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5904-EVALZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADL5904-EVALZ Datasheet HTML 2Page - Analog Devices ADL5904-EVALZ Datasheet HTML 3Page - Analog Devices ADL5904-EVALZ Datasheet HTML 4Page - Analog Devices ADL5904-EVALZ Datasheet HTML 5Page - Analog Devices ADL5904-EVALZ Datasheet HTML 6Page - Analog Devices ADL5904-EVALZ Datasheet HTML 7Page - Analog Devices ADL5904-EVALZ Datasheet HTML 8Page - Analog Devices ADL5904-EVALZ Datasheet HTML 9Page - Analog Devices ADL5904-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data Sheet
ADL5904
Rev. 0 | Page 5 of 27
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Threshold Variation vs.
Temperature
−40°C < TA < +85°C, PIN ≈ 10 dBm
±0.1
dB
−40°C < TA < +85°C, PIN ≈ 0 dBm
−0.2/+0.1
dB
−40°C < TA < +85°C, PIN ≈ −10 dBm
0.1/0.3
dB
−40°C < TA < +105°C, PIN ≈ 10 dBm
±0.1
dB
−40°C < TA < +105°C, PIN ≈ 0 dBm
−0.2/+0.1
dB
−40°C < TA < +105°C, PIN ≈ −10 dBm
0.1/0.3
dB
f = 1900 MHz
±1.0 dB Input Range
45
dB
Input Level, ±1.0 dB
Maximum
Three-point calibration at −20 dBm, 0 dBm, and +10 dBm
17
dBm
Minimum
−28
dBm
VRMS Output Voltage
RFIN pin = 10 dBm
1.62
V
RFIN pin = −20 dBm
0.55
V
VRMS Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = 10 dBm
−0.1/+0.3
dB
−40°C < TA < +105°C, PIN = 10 dBm
−0.1/+0.3
dB
−40°C < TA < +85°C, PIN = −15 dBm
−0.2/−0.1
dB
−40°C < TA < +105°C, PIN = −15 dBm
−0.4/−0.2
dB
VRMS Logarithmic Slope
PIN = −20 dBm to 0 dBm
34.8
mV/dB
PIN = 0 dBm to 10 dBm
36.9
mV/dB
VRMS Logarithmic Intercept
PIN = −20 dBm to 0 dBm
−35.9
dBm
PIN = 0 dBm to 10 dBm
−33.8
dBm
VIN− Setpoint Voltage
For threshold detection at 10 dBm
774
mV
For threshold detection at 0 dBm
241
mV
For threshold detection at −10 dBm
78
mV
Threshold Variation vs.
Temperature
−40°C < TA < +85°C, PIN ≈ 10 dBm
−0.2/+0.1
dB
−40°C < TA < +85°C, PIN ≈ 0 dBm
−0.1/0
dB
−40°C < TA < +85°C, PIN ≈ −10 dBm
±0.2
dB
−40°C < TA < +105°C, PIN ≈ 10 dBm
−0.2/+0.1
dB
−40°C < TA < +105°C, PIN ≈ 0 dBm
−0.1/0
dB
−40°C < TA < +105°C, PIN ≈ −10 dBm
±0.2
dB
f = 2600 MHz
±1.0 dB Input Range
43.5
dB
Input Level, ±1.0 dB
Maximum
Three-point calibration at −20 dBm, 0 dBm, and +10 dBm
16
dBm
Minimum
−27.5
dBm
VRMS Output Voltage
RFIN pin = 10 dBm
1.6
V
RFIN pin = −20 dBm
0.51
V
VRMS Deviation vs. Temperature
Deviation from output at 25°C
−40°C < TA < +85°C, PIN = 10 dBm
−0.3/+0.3
dB
−40°C < TA < +105°C, PIN = 10 dBm
−0.3/+0.3
dB
−40°C < TA < +85°C, PIN = −15 dBm
−0.2/0
dB
−40°C < TA < +105°C, PIN = −15 dBm
−0.3/0
dB
VRMS Logarithmic Slope
PIN = −20 dBm to 0 dBm
36.1
mV/dB
PIN = 0 dBm to 10 dBm
37.5
mV/dB
VRMS Logarithmic Intercept
PIN = −20 dBm to 0 dBm
−34
dBm
PIN = 0 dBm to 10 dBm
−32.7
dBm
VIN− Setpoint Voltage
For threshold detection at 10 dBm
775
mV
For threshold detection at 0 dBm
236
mV
For threshold detection at −10 dBm
76
mV


Podobny numer części - ADL5904-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Podobny opis - ADL5904-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
   Envelope and TruPwr RMS Detector
REV. A
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
IK Semicon Co., Ltd
IL33193-03 IKSEMICON-IL33193-03 Datasheet
717Kb / 6P
   Defective Lamp Detection Threshold
logo
Hittite Microwave Corpo...
HMC1021LP4E HITTITE-HMC1021LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
logo
Analog Devices
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
logo
List of Unclassifed Man...
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Analog Devices
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
   Envelope Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com