Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5270IPFPT Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS5270IPFPT
Szczegółowy opis  8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5270IPFPT Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS5270IPFPT Datasheet HTML 7Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 8Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 9Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 10Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 11Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 12Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 13Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 14Page - Burr-Brown (TI) ADS5270IPFPT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADS5270
SBAS293D − JANUARY 2004 − REVISED MAY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V, −1dBFS,
ISET = 56kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per channel, unless otherwise noted.
INTEGRAL NONLINEARITY
Code
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0
1536
2048
2560
3072
3584
512
1024
4096
f
IN =5MHz
SWEPT INPUT POWER
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN =10MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Input Frequency (MHz)
95
90
85
80
75
70
65
60
55
5
20
25
30
35
40
45
10
15
50
SFDR
SNR
SWEPT INPUT POWER
Input Amplitude (A)
100
90
80
70
60
50
40
30
20
10
0
−70
−60
−30
−20
−10
−50
−40
0
f
IN =5MHz
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
DYNAMIC PERFORMANCE vs DUTY CYCLE
Duty Cycle (%)
90
85
80
75
70
65
60
55
20
50
60
70
30
40
80
f
IN =5MHz
SFDR
SNR
DYNAMIC PERFORMANCE vs CLOCK FREQUENCY
Clock Frequency (MHz)
90
85
80
75
70
65
60
55
20
35
40
25
30
45
SFDR
SNR
SINAD
f
IN =5MHz


Podobny numer części - ADS5270IPFPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5270IPFPT TI1-ADS5270IPFPT Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5270IPFPTG4 TI1-ADS5270IPFPTG4 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5270IPFPT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com