Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5721ACPZN Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADL5721ACPZN
Szczegółowy opis  Point to point microwave radios
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5721ACPZN Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADL5721ACPZN Datasheet HTML 6Page - Analog Devices ADL5721ACPZN Datasheet HTML 7Page - Analog Devices ADL5721ACPZN Datasheet HTML 8Page - Analog Devices ADL5721ACPZN Datasheet HTML 9Page - Analog Devices ADL5721ACPZN Datasheet HTML 10Page - Analog Devices ADL5721ACPZN Datasheet HTML 11Page - Analog Devices ADL5721ACPZN Datasheet HTML 12Page - Analog Devices ADL5721ACPZN Datasheet HTML 13Page - Analog Devices ADL5721ACPZN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
ADL5721
Rev. 0 | Page 9 of 15
–30
–25
–20
–15
–10
–5
0
5
10
15
20
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 19. Input IP3 vs. Frequency for Various Temperatures
–30
–25
–20
–15
–10
–5
0
5
10
15
20
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
3.1V/1.65V
3.3V/1.8V
3.5V/1.95V
Figure 20. Input IP3 vs. Frequency for Various Supply Voltages
–30
–25
–20
–15
–10
–5
0
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 21. Input Return Loss vs. Frequency for Various Temperatures
–30
–25
–20
–15
–10
–5
0
7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0 8.1 8.2 8.3 8.4 8.5
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. Output Return Loss vs. Frequency for Various Temperatures


Podobny numer części - ADL5721ACPZN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
ADL5723-EVALZ AD-ADL5723-EVALZ Datasheet
388Kb / 13P
   High linearity input
ADL5723ACPZN-R7 AD-ADL5723ACPZN-R7 Datasheet
388Kb / 13P
   High linearity input
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
   Satellite communications
ADL5724-EVALZ AD-ADL5724-EVALZ Datasheet
431Kb / 13P
   Satellite communications
More results

Podobny opis - ADL5721ACPZN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5726 AD-ADL5726 Datasheet
353Kb / 13P
   Point to point microwave radios
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
HMC258 MICROSS-HMC258 Datasheet
900Kb / 9P
   Microwave Point-to-Point Radios
HMC264 MICROSS-HMC264 Datasheet
984Kb / 11P
   Microwave Point-to-Point Radios
logo
Analog Devices
ADL5725 AD-ADL5725 Datasheet
437Kb / 13P
   Point to point microwave radios
HMC342 AD-HMC342 Datasheet
308Kb / 6P
   Microwave Point-to-Point Radios
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC753 AD-HMC753 Datasheet
429Kb / 14P
   Point to point radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com