Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7039-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7039-Q1
Szczegółowy opis  Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7039-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS7039-Q1 Datasheet HTML 1Page - Texas Instruments ADS7039-Q1 Datasheet HTML 2Page - Texas Instruments ADS7039-Q1 Datasheet HTML 3Page - Texas Instruments ADS7039-Q1 Datasheet HTML 4Page - Texas Instruments ADS7039-Q1 Datasheet HTML 5Page - Texas Instruments ADS7039-Q1 Datasheet HTML 6Page - Texas Instruments ADS7039-Q1 Datasheet HTML 7Page - Texas Instruments ADS7039-Q1 Datasheet HTML 8Page - Texas Instruments ADS7039-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
ADS7039-Q1
www.ti.com
SBAS788 – JANUARY 2017
Product Folder Links: ADS7039-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Ideal input span; does not include gain or offset error.
(2)
LSB means least significant bit.
(3)
See the Offset Calibration section for more details.
(4)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise specified.
(5)
Calculated on the first nine harmonics of the input frequency.
(6)
Digital voltage levels comply with the JESD8-7A standard for DVDD from 1.65 V to 1.95 V; see the Digital Voltage Levels section for
more details.
6.5 Electrical Characteristics
at TA = –40°C to 125°C, AVDD = 3 V, DVDD = 1.65 V to 3.6 V, fSAMPLE = 2 MSPS, and VAINM = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage span(1)
0
AVDD
V
Absolute input
voltage range
AINP to GND
–0.1
AVDD + 0.1
V
AINM to GND
–0.1
0.1
CS
Sampling capacitance
15
pF
SYSTEM PERFORMANCE
Resolution
10
Bits
NMC
No missing codes
10
Bits
INL
Integral nonlinearity
AVDD = 3 V
–0.8
±0.4
0.8
LSB(2)
DNL
Differential nonlinearity
AVDD = 3 V
–0.7
±0.4
0.7
LSB
EO
Offset error
Uncalibrated
±3
LSB
Calibrated(3)
AVDD = 3 V
–2
±0.5
2
dVOS/dT
Offset error drift with temperature
±10
ppm/°C
EG
Gain error
AVDD = 3 V
–0.2
±0.1
0.2
%FS
Gain error drift with temperature
No calibration
±10
ppm/°C
SAMPLING DYNAMICS
tACQ
Acquisition time
120
ns
Maximum throughput rate
32-MHz SCLK, AVDD = 2.35 V to 3.6 V
2
MHz
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(4)
fIN = 2 kHz, AVDD = 3 V
60
61
dB
THD
Total harmonic distortion(4)(5)
fIN = 2 kHz, AVDD = 3 V
–75
dB
SINAD
Signal-to-noise and distortion(4)
fIN = 2 kHz, AVDD = 3 V
60
61
dB
SFDR
Spurious-free dynamic range(4)
fIN = 2 kHz, AVDD = 3 V
80
dB
BW(fp)
Full-power bandwidth
At –3 dB, AVDD = 3 V
25
MHz
DIGITAL INPUT/OUTPUT (CMOS Logic Family)
VIH
High-level input voltage(6)
0.65 × DVDD
DVDD + 0.3
V
VIL
Low-level input voltage(6)
–0.3
0.35 × DVDD
V
VOH
High-level output voltage(6)
At Isource = 500 µA
0.8 × DVDD
DVDD
V
At Isource = 2 mA
DVDD – 0.45
DVDD
VOL
Low-level output voltage(6)
At Isink = 500 µA
0
0.2 × DVDD
V
At Isink = 2 mA
0
0.45
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply voltage
2.35
3
3.6
V
DVDD
Digital I/O supply voltage
1.65
3
3.6
V
IAVDD
Analog supply current
At 2 MSPS with AVDD = 3 V
365
400
µA
IDVDD
Digital supply current
AVDD = 3 V, no load, no transitions
10
µA
PD
Power dissipation
At 2 MSPS with AVDD = 3 V
1.095
1.20
mW


Podobny numer części - ADS7039-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7038 TI1-ADS7038 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
984Kb / 76P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI-ADS7038 Datasheet
2Mb / 88P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results

Podobny opis - ADS7039-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7029-Q1 TI1-ADS7029-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com