Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7039-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7039-Q1
Szczegółowy opis  Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7039-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS7039-Q1 Datasheet HTML 1Page - Texas Instruments ADS7039-Q1 Datasheet HTML 2Page - Texas Instruments ADS7039-Q1 Datasheet HTML 3Page - Texas Instruments ADS7039-Q1 Datasheet HTML 4Page - Texas Instruments ADS7039-Q1 Datasheet HTML 5Page - Texas Instruments ADS7039-Q1 Datasheet HTML 6Page - Texas Instruments ADS7039-Q1 Datasheet HTML 7Page - Texas Instruments ADS7039-Q1 Datasheet HTML 8Page - Texas Instruments ADS7039-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
AVDD
OPA_AVDD
VIN+
AINP
AINM
GND
AVDD
ADS7039-Q1
OPA_AVSS
+
R
C
+
±
AVDD used as
Reference for device
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS7039-Q1
SBAS788 – JANUARY 2017
ADS7039-Q1 Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level ±2000 V
Device CDM ESD Classification Level ±1000 V
Ultra-Low Power Consumption:
1.2 mW (max) at 2 MSPS with 3-V AVDD
Less Than 1 µW at 1 kSPS with 3-V AVDD
Miniature Footprint:
8-Pin VSSOP Package: 2.30 mm × 2.00 mm
2-MSPS Throughput with Zero Data Latency
Wide Operating Range:
AVDD: 2.35 V to 3.6 V
DVDD: 1.65 V to 3.6 V (Independent of AVDD)
Temperature Range: –40°C to +125°C
Excellent Performance:
10-Bit Resolution with NMC
±0.4 LSB DNL; ±0.4 LSB INL
61-dB SNR with 3-V AVDD
–75-dB THD with 3-V AVDD
Unipolar Input Range: 0 V to AVDD
Integrated Offset Calibration
SPI-Compatible Serial Interface: 32 MHz
JESD8-7A Compliant Digital I/O
2 Applications
Automotive Infotainment
Automotive Sensors
Level Sensors
Ultrasonic Flow Meters
Motor Control
Portable Medical Equipment
3 Description
The ADS7039-Q1 device is a an automotive Q100-
qualified, 10-bit, 2-MSPS, analog-to-digital converter
(ADC). The device supports a wide analog input
voltage range (2.35 V to 3.6 V) and includes a
capacitor-based, successive-approximation register
(SAR) ADC with an inherent sample-and-hold circuit.
The SPI-compatible serial interface is controlled by
the CS and SCLK signals. The input signal is
sampled with the CS falling edge and SCLK is used
for conversion and serial data output. The device
supports a wide digital supply range (1.65 V to 3.6 V),
enabling
direct
interface
to
a
variety
of
host
controllers. The ADS7039-Q1 complies with the
JESD8-7A standard for a normal DVDD range
(1.65 V to 1.95 V).
The ADS7039-Q1 is available in an 8-pin, miniature,
VSSOP package and is specified for operation from
–40°C to +125°C. The fast sampling rate of the
ADS7039-Q1, along with miniature form-factor and
low-power consumption, makes this device suitable
for space-constrained and fast-scanning automotive
applications.
Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
ADS7039-Q1
VSSOP (8)
2.30 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application


Podobny numer części - ADS7039-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7038 TI1-ADS7038 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
661Kb / 70P
[Old version datasheet]   ADS7038 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI1-ADS7038 Datasheet
984Kb / 76P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
ADS7038 TI-ADS7038 Datasheet
2Mb / 88P
[Old version datasheet]   ADS7038-Q1 Small, 8-Channel, 12-Bit ADC with SPI Interface, GPIOs, and CRC
ADS7038-Q1 TI1-ADS7038-Q1 Datasheet
772Kb / 76P
[Old version datasheet]   ADS7028 Small, 8-Channel, 12-Bit ADC With SPI Interface, GPIOs, and CRC
More results

Podobny opis - ADS7039-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7029-Q1 TI1-ADS7029-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 8-Bit, 2-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com