Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD620 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD620
Szczegółowy opis  Low Cost Low Power Instrumentation Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD620 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD620_16 Datasheet HTML 3Page - Analog Devices AD620_16 Datasheet HTML 4Page - Analog Devices AD620_16 Datasheet HTML 5Page - Analog Devices AD620_16 Datasheet HTML 6Page - Analog Devices AD620_16 Datasheet HTML 7Page - Analog Devices AD620_16 Datasheet HTML 8Page - Analog Devices AD620_16 Datasheet HTML 9Page - Analog Devices AD620_16 Datasheet HTML 10Page - Analog Devices AD620_16 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD620
Rev. H | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
(@ 25°C, VS = ±15 V, RL = 2 kΩ, unless otherwise noted.)
INPUT OFFSET VOLTAGE (
μV)
20
30
40
50
–40
0
40
80
–80
SAMPLE SIZE = 360
10
0
Figure 3. Typical Distribution of Input Offset Voltage
INPUT BIAS CURRENT (pA)
0
10
20
30
40
50
–600
0
600
–1200
1200
SAMPLE SIZE = 850
Figure 4. Typical Distribution of Input Bias Current
10
20
30
40
50
–200
0
200
400
INPUT OFFSET CURRENT (pA)
–400
0
SAMPLE SIZE = 850
Figure 5. Typical Distribution of Input Offset Current
TEMPERATURE (
°C)
+IB
–IB
2.0
–2.0
175
–1.0
–1.5
–75
–0.5
0
0.5
1.0
1.5
125
75
25
–25
Figure 6. Input Bias Current vs. Temperature
1.5
0.5
WARM-UP TIME (Minutes)
2.0
0
01
1.0
4
3
2
5
Figure 7. Change in Input Offset Voltage vs. Warm-Up Time
FREQUENCY (Hz)
1000
1
1
100k
100
10
10k
1k
100
GAIN = 1
GAIN = 10
10
GAIN = 100, 1,000
GAIN = 1000
BW LIMIT
Figure 8. Voltage Noise Spectral Density vs. Frequency (G = 1−1000)


Podobny numer części - AD620_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
More results

Podobny opis - AD620_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com