Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD627AR Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD627AR
Szczegółowy opis  Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD627AR Arkusz danych(HTML) 1 Page - Analog Devices

  AD627AR Datasheet HTML 1Page - Analog Devices AD627AR Datasheet HTML 2Page - Analog Devices AD627AR Datasheet HTML 3Page - Analog Devices AD627AR Datasheet HTML 4Page - Analog Devices AD627AR Datasheet HTML 5Page - Analog Devices AD627AR Datasheet HTML 6Page - Analog Devices AD627AR Datasheet HTML 7Page - Analog Devices AD627AR Datasheet HTML 8Page - Analog Devices AD627AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Micropower, Single- and Dual-Supply,
Rail-to-Rail Instrumentation Amplifier
Data Sheet
AD627
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007−2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Micropower, 85 μA maximum supply current
Wide power supply range (+2.2 V to ±18 V)
Easy to use
Gain set with one external resistor
Gain range 5 (no resistor) to 1000
Higher performance than discrete designs
Rail-to-rail output swing
High accuracy dc performance
0.03% typical gain accuracy (G = +5) (AD627A)
10 ppm/°C typical gain drift (G = +5)
125 μV maximum input offset voltage (AD627B dual supply)
200 μV maximum input offset voltage (AD627A dual supply)
1 μV/°C maximum input offset voltage drift (AD627B)
3 μV/°C maximum input offset voltage drift (AD627A)
10 nA maximum input bias current
Noise: 38 nV/√Hz RTI noise at 1 kHz (G = +100)
Excellent ac specifications
AD627A: 77 dB minimum CMRR (G = +5)
AD627B: 83 dB minimum CMRR (G = +5)
80 kHz bandwidth (G = +5)
135 μs settling time to 0.01% (G = +5, 5 V step)
APPLICATIONS
4 mA to 20 mA loop-powered applications
Low power medical instrumentation—ECG, EEG
Transducer interfacing
Thermocouple amplifiers
Industrial process controls
Low power data acquisition
Portable battery-powered instruments
FUNCTIONAL BLOCK DIAGRAM
AD627
1
2
3
4
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
8
7
6
5
Figure 1. 8-Lead PDIP (N) and SOIC_N (R)
TRADITIONAL
LOW POWER
DISCRETE DESIGN
AD627
100
90
80
70
60
50
40
30
20
10
0
1
10
100
FREQUENCY (Hz)
1k
10k
Figure 2. CMRR vs. Frequency, ±5 VS, Gain = +5
GENERAL DESCRIPTION
The AD627 is an integrated, micropower instrumentation
amplifier that delivers rail-to-rail output swing on single and
dual (+2.2 V to ±18 V) supplies. The AD627 provides excellent
ac and dc specifications while operating at only 85 μA maximum.
The AD627 offers superior flexibility by allowing the user to set
the gain of the device with a single external resistor while con-
forming to the 8-lead industry-standard pinout configuration.
With no external resistor, the AD627 is configured for a gain of 5.
With an external resistor, it can be set to a gain of up to 1000.
A wide supply voltage range (+2.2 V to ±18 V) and micropower
current consumption make the AD627 a perfect fit for a wide
range of applications. Single-supply operation, low power
consumption, and rail-to-rail output swing make the AD627
ideal for battery-powered applications. Its rail-to-rail output
stage maximizes dynamic range when operating from low
supply voltages. Dual-supply operation (±15 V) and low power
consumption make the AD627 ideal for industrial applications,
including 4 mA to 20 mA loop-powered systems.
The AD627 does not compromise performance, unlike other
micropower instrumentation amplifiers. Low voltage offset,
offset drift, gain error, and gain drift minimize errors in the
system. The AD627 also minimizes errors over frequency by
providing excellent CMRR over frequency. Because the CMRR
remains high up to 200 Hz, line noise and line harmonics are
rejected.
The AD627 provides superior performance, uses less circuit
board area, and costs less than micropower discrete designs.


Podobny numer części - AD627AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD627AR AD-AD627AR Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627AR AD-AD627AR Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627AR-REEL AD-AD627AR-REEL Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627AR-REEL AD-AD627AR-REEL Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AD627AR-REEL7 AD-AD627AR-REEL7 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results

Podobny opis - AD627AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com