Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8224ACPZ-WP Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8224ACPZ-WP
Szczegółowy opis  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8224ACPZ-WP Arkusz danych(HTML) 4 Page - Analog Devices

  AD8224ACPZ-WP Datasheet HTML 1Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 2Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 3Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8224ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD8224
Rev. D | Page 3 of 28
SPECIFICATIONS
VS+ = +15 V, VS− = −15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ1, unless otherwise noted. Table 2 displays the specifications for an
individual instrumentation amplifier configured for a single-ended output or dual instrumentation amplifiers configured for differential
outputs as shown in Figure 64.
Table 2. Individual Amplifier in Single-Ended Configuration or Dual Amplifiers in Differential Output Configuration2, VS = ±15 V
Test Conditions/
A Grade
B Grade
Parameter
Comments
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR DC to 60 Hz with
1 kΩ Source Imbalance
V
CM = ±10 V
G = 1
78
86
dB
G = 10
94
100
dB
G = 100
94
100
dB
G = 1000
94
100
dB
CMRR at 10 kHz
V
CM = ±10 V
G = 1
74
80
dB
G = 10
84
90
dB
G = 100
84
90
dB
G = 1000
84
90
dB
NOISE
RTI noise =
√(e
ni
2 + (e
no/G)
2)
Voltage Noise, 1 kHz
Input Voltage Noise, e
ni
V
IN+, VIN− = 0 V
14
14
17
nV/√Hz
Output Voltage Noise, e
no
V
IN+, VIN− = 0 V
90
90
100
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
5
5
µV p-p
G = 1000
0.8
0.8
µV p-p
Current Noise
f = 1 kHz
1
1
fA/√Hz
VOLTAGE OFFSET
RTI V
OS =
(V
OSI) + (VOSO/G)
Input Offset, V
OSI
300
175
µV
Average TC
T = −40°C to +85°C
10
5
µV/°C
Output Offset, V
OSO
1200
800
µV
Average TC
T = −40°C to +85°C
10
5
µV/°C
Offset RTI vs. Supply (PSR)
V
S = ±5 V to ±15 V
G = 1
86
86
dB
G = 10
96
100
dB
G = 100
96
100
dB
G = 1000
96
100
dB
INPUT CURRENT
Input Bias Current
25
10
pA
Over Temperature3
T = −40°C to +85°C
300
300
pA
Input Offset Current
2
0.6
pA
Over Temperature3
T = −40°C to +85°C
5
5
pA
REFERENCE INPUT
R
IN
40
40
I
IN
V
IN+, VIN− = 0 V
70
70
µA
Voltage Range
−V
S
+V
S
−V
S
+V
S
V
Gain to Output
1 ±
0.0001
1 ±
0.0001
V/V


Podobny numer części - AD8224ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8224ACPZ-WP AD-AD8224ACPZ-WP Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8224ACPZ-WP AD-AD8224ACPZ-WP Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224ACPZ-WP AD-AD8224ACPZ-WP Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
More results

Podobny opis - AD8224ACPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
logo
Texas Instruments
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com