Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8290 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD8290
Szczegółowy opis  G = 50, CMOS Sensor Amplifier with Current Excitation
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8290 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD8290_16 Datasheet HTML 2Page - Analog Devices AD8290_16 Datasheet HTML 3Page - Analog Devices AD8290_16 Datasheet HTML 4Page - Analog Devices AD8290_16 Datasheet HTML 5Page - Analog Devices AD8290_16 Datasheet HTML 6Page - Analog Devices AD8290_16 Datasheet HTML 7Page - Analog Devices AD8290_16 Datasheet HTML 8Page - Analog Devices AD8290_16 Datasheet HTML 9Page - Analog Devices AD8290_16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD8290
Rev. B | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
+VSUPPLY
Differential Input Voltage1
±VSUPPLY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1 Differential input voltage is limited to ±5.0 V, the supply voltage, or
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3.
Package Type
θJA
θJC
Unit
16-Lead LFCSP (0.55 mm)
42.5
7.7
°C/W
ESD CAUTION


Podobny numer części - AD8290_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8290ACPZ-R2 AD-AD8290ACPZ-R2 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
AD8290ACPZ-R7 AD-AD8290ACPZ-R7 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
AD8290ACPZ-RL AD-AD8290ACPZ-RL Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
More results

Podobny opis - AD8290_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
541Kb / 20P
   G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
logo
Texas Instruments
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
[Old version datasheet]   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Omron Electronics LLC
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
   CMOS Laser Sensor with Built-in Amplifier
logo
New Japan Radio
NJU7870Z2 NJRC-NJU7870Z2 Datasheet
1Mb / 23P
   Amplifier for resolver excitation
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com