Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8421ARZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8421ARZ-RL
Szczegółowy opis  3 nV/?숰z, Low Power Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8421ARZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8421ARZ-RL Datasheet HTML 7Page - Analog Devices AD8421ARZ-RL Datasheet HTML 8Page - Analog Devices AD8421ARZ-RL Datasheet HTML 9Page - Analog Devices AD8421ARZ-RL Datasheet HTML 10Page - Analog Devices AD8421ARZ-RL Datasheet HTML 11Page - Analog Devices AD8421ARZ-RL Datasheet HTML 12Page - Analog Devices AD8421ARZ-RL Datasheet HTML 13Page - Analog Devices AD8421ARZ-RL Datasheet HTML 14Page - Analog Devices AD8421ARZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AD8421
Data Sheet
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±15 V, VREF = 0 V, RL = 2 kΩ, unless otherwise noted.
600
0
100
200
300
400
500
–60
–40
–20
20
40
06
INPUT OFFSET VOLTAGE (µV)
0
Figure 4. Typical Distribution of Input Offset Voltage
1800
0
300
600
900
1200
1500
–2.0
–1.5
1.5
1.0
–1.0
–0.5
0
0.5
2.0
INPUT BIAS CURRENT (nA)
Figure 5. Typical Distribution of Input Bias Current
1400
0
200
400
600
800
1200
1000
–20
–15
15
10
–10
–5
0
5
20
PSRR (µV/V)
Figure 6. Typical Distribution of PSRR (G = 1)
600
0
100
200
300
400
500
–400
–300
300
200
–200
–100
0
100
400
OUTPUT OFFSET VOLTAGE (µV)
Figure 7. Typical Distribution of Output Offset Voltage
800
1000
1200
600
0
200
400
–2.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
02
INPUT OFFSET CURRENT (nA)
.0
Figure 8. Typical Distribution of Input Offset Current
600
800
1000
1200
1400
1600
0
200
400
–120
120
90
60
30
0
–30
–60
–90
CMRR (µV/V)
Figure 9. Typical Distribution of CMRR (G = 1)


Podobny numer części - AD8421ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8421ARZ-RL AD-AD8421ARZ-RL Datasheet
672Kb / 28P
   3 nV/?숰z, Low Power
REV. 0
More results

Podobny opis - AD8421ARZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
   1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
AD8421 AD-AD8421 Datasheet
672Kb / 28P
   3 nV/?숰z, Low Power
REV. 0
logo
Texas Instruments
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com