Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8422ARZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8422ARZ
Szczegółowy opis  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8422ARZ Datasheet HTML 7Page - Analog Devices AD8422ARZ Datasheet HTML 8Page - Analog Devices AD8422ARZ Datasheet HTML 9Page - Analog Devices AD8422ARZ Datasheet HTML 10Page - Analog Devices AD8422ARZ Datasheet HTML 11Page - Analog Devices AD8422ARZ Datasheet HTML 12Page - Analog Devices AD8422ARZ Datasheet HTML 13Page - Analog Devices AD8422ARZ Datasheet HTML 14Page - Analog Devices AD8422ARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD8422
Data Sheet
Rev. A | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15, VREF = 0 V, RL = 10 kΩ, unless otherwise noted.
–90
–60
–30
0
30
60
90
0
50
100
150
200
250
300
350
400
INPUT OFFSET VOLTAGE (µV)
Figure 4. Typical Distribution of Input Offset Voltage
–900
–600
–300
0
300
600
900
0
200
400
600
800
POSITIVE INPUT BIAS CURRENT (pA)
Figure 5. Typical Distribution of Input Bias Current
–9
–6
–3
0
3
69
0
100
200
300
400
500
PSRR G = 1 (µV/V)
Figure 6. Typical Distribution of PSRR (G = 1)
–300
–200
–100
0
100
200
300
0
50
100
150
200
250
300
350
400
OUTPUT OFFSET VOLTAGE (µV)
Figure 7. Typical Distribution of Output Offset Voltage
–300
–200
–100
0
100
200
300
0
100
200
300
400
INPUT OFFSET CURRENT (pA)
Figure 8. Typical Distribution of Input Offset Current
–40
–20
0
20
40
0
100
200
300
400
500
CMRR G = 1 (µV/V)
Figure 9. Typical Distribution of CMRR (G = 1)


Podobny numer części - AD8422ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8422ARZ AD-AD8422ARZ Datasheet
697Kb / 24P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8422ARZ AD-AD8422ARZ Datasheet
676Kb / 25P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
AD8422ARZ AD-AD8422ARZ Datasheet
653Kb / 27P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
AD8422ARZ-R7 AD-AD8422ARZ-R7 Datasheet
697Kb / 24P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8422ARZ-R7 AD-AD8422ARZ-R7 Datasheet
676Kb / 25P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
More results

Podobny opis - AD8422ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8422 AD-AD8422 Datasheet
697Kb / 24P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8422 AD-AD8422_V01 Datasheet
653Kb / 27P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
AD8422 AD-AD8422_17 Datasheet
676Kb / 25P
   High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
[Old version datasheet]   Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com