Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8556ACPZ-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8556ACPZ-REEL7
Szczegółowy opis  Digitally Programmable Sensor Signal Amplifier with EMI Filters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8556ACPZ-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8556ACPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8556ACPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
AD8556
GENERAL DESCRIPTION
The AD8556 is a zero-drift, sensor signal amplifier with
digitally programmable gain and output offset. Designed to
easily and accurately convert variable pressure sensor and
strain bridge outputs to a well-defined output voltage range,
the AD8556 accurately amplifies many other differential or
single-ended sensor outputs. The AD8556 uses the Analog
Devices, Inc. patented low noise, auto-zero and DigiTrim®
technologies to create an incredibly accurate and flexible
signal processing solution in a very compact footprint.
Gain is digitally programmable in a wide range from 70 to
1280 through a serial data interface. Gain adjustment can
be fully simulated in-circuit and then permanently pro-
grammed with reliable polyfuse technology. Output offset
voltage is also digitally programmable and is ratiometric to
the supply voltage. The AD8556 also features internal EMI
filters on the VNEG, VPOS, FILT and VCLAMP pins.
In addition to extremely low input offset voltage, low input offset
voltage drift, and very high dc and ac CMRR, the AD8556 also
includes a pull-up current source at the input pins and a pull-
down current source at the VCLAMP pin, which allows open
wire and shorted wire fault detection. A low-pass filter function
is implemented via a single low cost external capacitor. Output
clamping set via an external reference voltage allows the AD8556
to drive lower voltage ADCs safely and accurately.
When used in conjunction with an ADC referenced to the same
supply, the system accuracy becomes immune to normal supply
voltage variations. Output offset voltage can be adjusted with a
resolution of better than 0.4% of the difference between VDD
and VSS. A lockout trim after gain and offset adjustment further
ensures field reliability.
The AD8556 is fully specified from −40°C to +140°C.
Operating from single-supply voltages of 4.5 V to 5.5 V, the
AD8556 is offered in the 8-lead SOIC_N and 4 mm × 4 mm
16-lead LFCSP_WQ.
Rev. B | Page 3 of 27


Podobny numer części - AD8556ACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
More results

Podobny opis - AD8556ACPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com