Zakładka z wyszukiwarką danych komponentów |
|
AD8556ACPZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD8556ACPZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 28 page AD8556 Data Sheet SPECIFICATIONS ELECTRICAL SPECIFICATIONS VDD = 5.0 V, VSS = 0.0 V, VCM = 2.5 V, VO = 2.5 V, −40°C ≤ TA ≤ +140°C, unless otherwise specified. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT STAGE Input Offset Voltage VOS −40°C ≤ TA ≤ +125°C 2 10 µV −40°C ≤ TA ≤ +140°C 3 12 µV Input Offset Voltage Drift TCVOS 25 65 nV/°C Input Bias Current IB TA = 25°C 38 49 54 nA −40°C ≤ TA ≤ +125°C 58 nA −40°C ≤ TA ≤ +140°C 60 nA Input Offset Current IOS TA = 25°C 0.2 2.5 nA −40°C ≤ TA ≤ +125°C 3.0 nA −40°C ≤ TA ≤ +140°C 4.0 nA Input Voltage Range 2.1 2.9 V Common-Mode Rejection Ratio CMRR VCM = 2.1 V to 2.9 V, AV = 70 80 92 dB VCM = 2.1 V to 2.9 V, AV = 1280 94 112 dB Linearity VO = 0.2 V to 3.4 V 20 ppm VO = 0.2 V to 4.8 V 1000 ppm Differential Gain Accuracy Second stage gain = 17.5 to 100 0.35 1.6 % Second stage gain = 140 to 200 0.5 2.5 % Differential Gain Temperature Coefficient Second stage gain = 17.5 to 100 7 20 ppm/°C Second stage gain = 140 to 200 10 40 ppm/°C RF 14 18 22 kΩ RF Temperature Coefficient 600 ppm/°C DAC Accuracy AV = 70, offset codes = 8 to 248 0.2 0.6 % Ratiometricity AV = 70, offset codes = 8 to 248 50 ppm Output Offset AV = 70, offset codes = 8 to 248 5 35 mV Temperature Coefficient −40°C ≤ TA ≤ +125°C 3.3 15 ppm FS/°C −40°C ≤ TA ≤ +140°C 25 ppm FS/°C VCLAMP Input Bias Current TA = 25°C, VCLAMP = 5 V 200 nA −40°C ≤ TA ≤ +125°C, VCLAMP = 5 V 500 nA −40°C ≤ TA ≤ +140°C, VCLAMP = 5 V 550 nA Input Voltage Range 1.2 4.94 V OUTPUT BUFFER STAGE Buffer Offset 3 7 mV Short-Circuit Current ISC 5 10 mA Output Voltage, Low VOL RL = 10 kΩ to 5 V 20 mV Output Voltage, High VOH RL = 10 kΩ to 0 V 4.94 V POWER SUPPLY Supply Current ISY −40°C ≤ TA ≤ +125°C, VO = 2.5 V, VPOS = VNEG = 2.5 V, VDAC code = 128 2.0 2.7 mA −40°C ≤ TA ≤ +140°C, VO = 2.5 V, VPOS = VNEG = 2.5 V, VDAC Code = 128 2.78 mA Power Supply Rejection Ratio PSRR AV = 70 109 125 dB Supply Voltage Required During Programming 10°C < TPROG < 40°C, supply capable of driving 250 mA 5.0 5.25 5.5 V Rev. B | Page 4 of 27 |
Podobny numer części - AD8556ACPZ-REEL7 |
|
Podobny opis - AD8556ACPZ-REEL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |