Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4922-1ACPZ-RL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADA4922-1ACPZ-RL7
Szczegółowy opis  High Voltage, Differential 18-Bit ADC Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4922-1ACPZ-RL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADA4922-1ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 10Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 11Page - Analog Devices ADA4922-1ACPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet
ADA4922-1
Rev. A | Page 7 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, VS = ±12 V, RL, dm = 1 kΩ, REF = 0 V, DIS = high, TA = 25°C.
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VO, dm = 0.2V p-p
VS = 12V
VS = 5V
Figure 5. Small Signal Frequency Response for Various Power Supplies
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VO, dm = 0.2V p-p
VS = 12V @ +85C
VS = 12V @ +25C
VS = 12V @ –40C
VS = 5V @ +85C
VS = 5V @ +25C
VS = 5V @ –40C
Figure 6. Small Signal Frequency Response for
Various Temperatures and Supplies
3
–30
1
1000
FREQUENCY (MHz)
10
100
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
VS = 12V RL, dm = 1k
VS = 5V RL, dm = 1k
VS = 12V RL, dm = 500
VS = 5V RL, dm = 500
VO, dm = 0.2V p-p
Figure 7. Small Signal Frequency Response for
Various Resistive Loads and Supplies
3
–30
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
1
10
100
VS = 5V, VO, dm = 12V p-p
VS = 12V, VO, dm = 40V p-p
Figure 8. Large Signal Frequency Response for Various Power Supplies
3
–30
1
100
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
10
(ALL VOLTAGES ARE VO, dm)
40V p-p +85
C
40V p-p +25
C
40V p-p –40
C
12V p-p +85
C
12V p-p +25
C
12V p-p –40
C
VO, dm = 12V p-p (VS = 5V)
VO, dm = 40V p-p (VS = 12V)
Figure 9. Large Signal Frequency Response at
Various Temperatures and Supplies
3
–30
1
100
FREQUENCY (MHz)
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
10
VS = 12V, RL, dm = 1k
VS = 5V, RL, dm = 1k
VS = 12V, RL, dm = 500
VS = 5V, RL, dm = 500
VO, dm = 12V p-p (VS = 5V)
VO, dm = 40V p-p (VS = 12V)
Figure 10. Large Signal Frequency Response for
Various Resistive Loads and Supplies


Podobny numer części - ADA4922-1ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4922-1ACPZ-RL7 AD-ADA4922-1ACPZ-RL7 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
More results

Podobny opis - ADA4922-1ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4922-1 AD-ADA4922-1_15 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4922-1 AD-ADA4922-1 Datasheet
425Kb / 20P
   High Voltage, Differential 18-Bit ADC Driver
REV. 0
ADA4941-1YRZ AD-ADA4941-1YRZ Datasheet
500Kb / 24P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_15 Datasheet
696Kb / 25P
   Single-Supply, Differential 18-Bit ADC Driver
REV. C
ADA4941-1 AD-ADA4941-1_16 Datasheet
844Kb / 24P
   Single-Supply, Differential, 18-Bit ADC Driver
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
[Old version datasheet]   ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com