Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4937-2YCPZ-RL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADA4937-2YCPZ-RL
Szczegółowy opis  Ultralow Distortion Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4937-2YCPZ-RL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADA4937-2YCPZ-RL Datasheet HTML 6Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 7Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 8Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 9Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 10Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 11Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 12Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 13Page - Analog Devices ADA4937-2YCPZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADA4937-1/ADA4937-2
Data Sheet
Rev. F | Page 10 of 28
6
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 200Ω
Figure 13. Small Signal Frequency Response for Various Loads,
VOUT, dm = 100 mV p-p
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V, G = +1, RF = 200Ω
VS = 3.3V, G = +2, RF = 402Ω
VS = 3.3V, G = +5, RF = 402Ω
Figure 14. Small Signal Frequency Response for Various Gains,
VS = 3.3 V, VOUT, dm = 100 mV p-p
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
G = +1, RF = 348Ω
G = +2, RF = 348Ω
G = +5, RF = 348Ω
Figure 15. Small Signal Frequency Response for Various Gains,
VOUT, dm = 100 mV p-p, RF = 348 Ω
6
–9
–6
–3
0
3
1
10
100
1000
FREQUENCY (MHz)
RL = 1kΩ
RL = 100Ω
RL = 200Ω
Figure 16. Large Signal Frequency Response for Various Loads
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V, G = +1, RF = 200Ω
VS = 3.3V, G = +2, RF = 402Ω
VS = 3.3V, G = +5, RF = 402Ω
Figure 17. Large Signal Frequency Response for Various Gains, VS = 3.3 V
–15
–12
–9
–6
–3
0
3
6
1
10
100
1000
FREQUENCY (MHz)
G = +1, RF = 348Ω
G = +2, RF = 348Ω
G = +5, RF = 348Ω
Figure 18. Large Signal Frequency Response for Various Gains, RF = 348 Ω


Podobny numer części - ADA4937-2YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results

Podobny opis - ADA4937-2YCPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
   Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com