Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4938-1ACPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADA4938-1ACPZ-RL
Szczegółowy opis  Ultralow Distortion Differential ADC Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices

  ADA4938-1ACPZ-RL Datasheet HTML 1Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 2Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 3 of 26
SPECIFICATIONS
DUAL-SUPPLY OPERATION
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RT = 61.9 Ω, RG = RF = 200 Ω, G = +1, RL,dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential output, unless otherwise noted. For gains other than G = +1, values for RF
and RG are shown in Table 11.
±DIN to ±OUT Performance
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT = 0.1 V p-p
1000
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 2 V p-p
150
MHz
Large Signal Bandwidth
VOUT = 2 V p-p
800
MHz
Slew Rate
VOUT = 2 V p-p
4700
V/µs
Settling Time
VOUT = 2 V p-p
6.5
ns
Overdrive Recovery Time
VIN = 5 V to 0 V step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 10 MHz
−106
dBc
VOUT = 2 V p-p, 50 MHz
−82
dBc
Third Harmonic
VOUT = 2 V p-p, 10 MHz
−109
dBc
VOUT = 2 V p-p, 50 MHz
−82
dBc
IMD
f1 = 30.0 MHz, f2 = 30.1 MHz
89
dBc
IP3
f = 30 MHz, RL, dm = 100 Ω
45
dBm
Input Voltage Noise
f = 10 MHz
2.6
nV/√Hz
Noise Figure
G = +4, f = 10 MHz
15.8
dB
Input Current Noise
f = 10 MHz
4.8
pA/√Hz
Crosstalk (ADA4938-2)
f = 100 MHz
−85
dB
INPUT CHARACTERISTICS
Offset Voltage
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = 0 V
1
4
mV
TMIN to TMAX variation
±4
µV/°C
Input Bias Current
−18
−13
µA
TMIN to TMAX variation
−0.01
µA/°C
Input Resistance
Differential
6
MΩ
Common mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
−VS + 0.3 to +VS − 1.6
V
CMRR
∆VOUT, dm/∆VIN, cm; ∆VIN, cm = ±1 V, f = 1 MHz
−75
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ∆VOUT; single-ended output
−VS + 1.2 to +VS − 1.2
V
Linear Output Current
Per amplifier, RL, dm = 20 Ω, f = 10 MHz
±75
mA
Output Balance Error
∆VOUT, cm/∆VOUT, dm; ∆VOUT, dm = 1 V; f = 10 MHz
−60
dB


Podobny numer części - ADA4938-1ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4938-1ACPZ-RL AD-ADA4938-1ACPZ-RL Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
More results

Podobny opis - ADA4938-1ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
   Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com