Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14023BCL Arkusz danych(PDF) 5 Page - Motorola, Inc

Numer części MC14023BCL
Szczegółowy opis  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14023BCL Arkusz danych(HTML) 5 Page - Motorola, Inc

  MC14023BCL Datasheet HTML 1Page - Motorola, Inc MC14023BCL Datasheet HTML 2Page - Motorola, Inc MC14023BCL Datasheet HTML 3Page - Motorola, Inc MC14023BCL Datasheet HTML 4Page - Motorola, Inc MC14023BCL Datasheet HTML 5Page - Motorola, Inc MC14023BCL Datasheet HTML 6Page - Motorola, Inc MC14023BCL Datasheet HTML 7Page - Motorola, Inc MC14023BCL Datasheet HTML 8Page - Motorola, Inc MC14023BCL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
11
MC14001B
B–SERIES GATE SWITCHING TIMES
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ #
Max
Unit
Output Rise Time, All B–Series Gates
tTLH = (1.35 ns/pF) CL + 33 ns
tTLH = (0.60 ns/pF) CL + 20 ns
tTLH = (0.40 ns/PF) CL + 20 ns
tTLH
5.0
10
15
100
50
40
200
100
80
ns
Output Fall Time, All B–Series Gates
tTHL = (1.35 ns/pF) CL + 33 ns
tTHL = (0.60 ns/pF) CL + 20 ns
tTHL = (0.40 ns/pF) CL + 20 ns
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
MC14001B, MC14011B only
tPLH, tPHL = (0.90 ns/pF) CL + 80 ns
tPLH, tPHL = (0.36 ns/pF) CL + 32 ns
tPLH, tPHL = (0.26 ns/pF) CL + 27 ns
All Other 2, 3, and 4 Input Gates
tPLH, tPHL = (0.90 ns/pF) CL + 115 ns
tPLH, tPHL = (0.36 ns/pF) CL + 47 ns
tPLH, tPHL = (0.26 ns/pF) CL + 37 ns
8–Input Gates (MC14068B, MC14078B)
tPLH, tPHL = (0.90 ns/pF) CL + 155 ns
tPLH, tPHL = (0.36 ns/pF) CL + 62 ns
tPLH, tPHL = (0.26 ns/pF) CL + 47 ns
tPLH, tPHL
5.0
10
15
5.0
10
15
5.0
10
15
125
50
40
160
65
50
200
80
60
250
100
80
300
130
100
350
150
110
ns
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
VDD
14
CL
VSS
7
PULSE
GENERATOR
INPUT
OUTPUT
90%
50%
10%
10%
50%
90%
20 ns
20 ns
tPHL
tPLH
tTLH
tTHL
VOL
VOH
0 V
VDD
INPUT
OUTPUT
INVERTING
* All unused inputs of AND, NAND gates must be connected to VDD.
All unused inputs of OR, NOR gates must be connected to VSS.
90%
50%
10%
VOL
VOH
OUTPUT
NON–INVERTING
tTHL
tTLH
tPLH
tPHL
*
Figure 1. Switching Time Test Circuit and Waveforms


Podobny numer części - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14023BCP ONSEMI-MC14023BCP Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCP ONSEMI-MC14023BCP Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Podobny opis - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com