Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14023BCL Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14023BCL
Szczegółowy opis  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14023BCL Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14023BCL Datasheet HTML 1Page - Motorola, Inc MC14023BCL Datasheet HTML 2Page - Motorola, Inc MC14023BCL Datasheet HTML 3Page - Motorola, Inc MC14023BCL Datasheet HTML 4Page - Motorola, Inc MC14023BCL Datasheet HTML 5Page - Motorola, Inc MC14023BCL Datasheet HTML 6Page - Motorola, Inc MC14023BCL Datasheet HTML 7Page - Motorola, Inc MC14023BCL Datasheet HTML 8Page - Motorola, Inc MC14023BCL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
7
MC14001B
B-Suffix Series CMOS Gates
The B Series logic gates are constructed with P and N channel
enhancement mode devices in a single monolithic structure (Complemen-
tary MOS). Their primary use is where low power dissipation and/or high
noise immunity is desired.
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• All Outputs Buffered
• Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range.
• Double Diode Protection on All Inputs Except: Triple Diode Protection
on MC14011B and MC14081B
• Pin–for–Pin Replacements for Corresponding CD4000 Series B Suffix
Devices (Exceptions: MC14068B and MC14078B)
L SUFFIX
CERAMIC
CASE 632
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 646
D SUFFIX
SOIC
CASE 751A
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
lin, lout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
This device contains protection circuitry to guard against damage
due to high static voltages or electric fields. However, precautions must
be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, Vin and
Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage
level (e.g., either VSS or VDD). Unused outputs must be left open.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14001B
Quad 2-Input NOR Gate
MC14002B
Dual 4-Input NOR Gate
MC14011B
Quad 2-Input NAND Gate
MC14012B
Dual 4-Input NAND Gate
MC14023B
Triple 3-Input NAND Gate
MC14025B
Triple 3-Input NOR Gate
MC14068B
8-Input NAND Gate
MC14071B
Quad 2-Input OR Gate
MC14072B
Dual 4-Input OR Gate
MC14073B
Triple 3-Input AND Gate
MC14075B
Triple 3-Input OR Gate
MC14078B
8-Input NOR Gate
MC14081B
Quad 2-Input AND Gate
MC14082B
Dual 4-Input AND Gate


Podobny numer części - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14023BCP ONSEMI-MC14023BCP Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCP ONSEMI-MC14023BCP Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Podobny opis - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com