Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14023BCL Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC14023BCL
Szczegółowy opis  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14023BCL Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC14023BCL Datasheet HTML 3Page - Motorola, Inc MC14023BCL Datasheet HTML 4Page - Motorola, Inc MC14023BCL Datasheet HTML 5Page - Motorola, Inc MC14023BCL Datasheet HTML 6Page - Motorola, Inc MC14023BCL Datasheet HTML 7Page - Motorola, Inc MC14023BCL Datasheet HTML 8Page - Motorola, Inc MC14023BCL Datasheet HTML 9Page - Motorola, Inc MC14023BCL Datasheet HTML 10Page - Motorola, Inc MC14023BCL Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
17
MC14001B
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
_
_
_
_
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided
in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters,
including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent
rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a
situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application,
Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered
trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MC14001B/D
*MC14001B/D*


Podobny numer części - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14023BCP ONSEMI-MC14023BCP Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCP ONSEMI-MC14023BCP Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Podobny opis - MC14023BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com