Zakładka z wyszukiwarką danych komponentów |
|
MC14025BCL Arkusz danych(PDF) 5 Page - Motorola, Inc |
|
MC14025BCL Arkusz danych(HTML) 5 Page - Motorola, Inc |
5 / 11 page MOTOROLA CMOS LOGIC DATA 11 MC14001B B–SERIES GATE SWITCHING TIMES SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C) Characteristic Symbol VDD Vdc Min Typ # Max Unit Output Rise Time, All B–Series Gates tTLH = (1.35 ns/pF) CL + 33 ns tTLH = (0.60 ns/pF) CL + 20 ns tTLH = (0.40 ns/PF) CL + 20 ns tTLH 5.0 10 15 — — — 100 50 40 200 100 80 ns Output Fall Time, All B–Series Gates tTHL = (1.35 ns/pF) CL + 33 ns tTHL = (0.60 ns/pF) CL + 20 ns tTHL = (0.40 ns/pF) CL + 20 ns tTHL 5.0 10 15 — — — 100 50 40 200 100 80 ns Propagation Delay Time MC14001B, MC14011B only tPLH, tPHL = (0.90 ns/pF) CL + 80 ns tPLH, tPHL = (0.36 ns/pF) CL + 32 ns tPLH, tPHL = (0.26 ns/pF) CL + 27 ns All Other 2, 3, and 4 Input Gates tPLH, tPHL = (0.90 ns/pF) CL + 115 ns tPLH, tPHL = (0.36 ns/pF) CL + 47 ns tPLH, tPHL = (0.26 ns/pF) CL + 37 ns 8–Input Gates (MC14068B, MC14078B) tPLH, tPHL = (0.90 ns/pF) CL + 155 ns tPLH, tPHL = (0.36 ns/pF) CL + 62 ns tPLH, tPHL = (0.26 ns/pF) CL + 47 ns tPLH, tPHL 5.0 10 15 5.0 10 15 5.0 10 15 — — — — — — — — — 125 50 40 160 65 50 200 80 60 250 100 80 300 130 100 350 150 110 ns * The formulas given are for the typical characteristics only at 25 _C. #Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. VDD 14 CL VSS 7 PULSE GENERATOR INPUT OUTPUT 90% 50% 10% 10% 50% 90% 20 ns 20 ns tPHL tPLH tTLH tTHL VOL VOH 0 V VDD INPUT OUTPUT INVERTING * All unused inputs of AND, NAND gates must be connected to VDD. All unused inputs of OR, NOR gates must be connected to VSS. 90% 50% 10% VOL VOH OUTPUT NON–INVERTING tTHL tTLH tPLH tPHL * Figure 1. Switching Time Test Circuit and Waveforms |
Podobny numer części - MC14025BCL |
|
Podobny opis - MC14025BCL |