Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6603 Arkusz danych(PDF) 11 Page - International Rectifier

Numer części IRF6603
Szczegółowy opis  HEXFETPower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6603 Arkusz danych(HTML) 11 Page - International Rectifier

Back Button IRF6603 Datasheet HTML 3Page - International Rectifier IRF6603 Datasheet HTML 4Page - International Rectifier IRF6603 Datasheet HTML 5Page - International Rectifier IRF6603 Datasheet HTML 6Page - International Rectifier IRF6603 Datasheet HTML 7Page - International Rectifier IRF6603 Datasheet HTML 8Page - International Rectifier IRF6603 Datasheet HTML 9Page - International Rectifier IRF6603 Datasheet HTML 10Page - International Rectifier IRF6603 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRF6603
www.irf.com
11
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 0.24mH
RG = 25Ω, IAS = 20A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
„ Surface mounted on 1 in. square Cu board.
… Used double sided cooling , mounting pad.
† Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‡ TC measured with thermal couple mounted to top (Drain) of
part.
ˆ Rθ is measured at TJ of approximately 90°C.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.4/04
DirectFET
™ Part Marking
6603


Podobny numer części - IRF6603

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
   DirectFET??Power MOSFET(Vdss=20V)
IRF6602 IRF-IRF6602 Datasheet
200Kb / 11P
   HEXFET Power MOSFET
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
IRF6602TR1 IRF-IRF6602TR1 Datasheet
200Kb / 11P
   HEXFET Power MOSFET
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
   DirectFET Power MOSFET
04/24/02
More results

Podobny opis - IRF6603

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com