Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS-LGA141A-05 Arkusz danych(PDF) 1 Page - Ironwood Electronics.

Numer części LS-LGA141A-05
Szczegółowy opis  Primary dimension units are millimeters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-LGA141A-05 Arkusz danych(HTML) 1 Page - Ironwood Electronics.

  LS-LGA141A-05 Datasheet HTML 1Page - Ironwood Electronics. LS-LGA141A-05 Datasheet HTML 2Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22.225
17.725
2.2525
1.8775
6.3225
3.7825
0.4572 (x141)
13.970
1.70 (x4)
0.85 (x3)
1.27
A
A
5.588
2.413
0.2032±0.0127
1.524
3.175
SECTION A-A
2
1
ITEM NO.
DESCRIPTION
Material
1
Substrate
3.18mm ±0.125mm [0.125" ±0.005"] FR4/G10 or
equivalent high temp material. Non-clad.
2
Pin
Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: LS-LGA-05 male pin adapter for 12x1 array 15mm sq. 1.27mm pitch SBT-LGA
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 02/06/2013
Material: N/A
Finish: N/A
Weight: 2.42
LS-LGA141A-05 Drawing
SCALE: 3:1
SHEET: 1 OF 2
DRAWN BY: S. Faiz
FILE: LS-LGA141A-05 Dwg


Podobny numer części - LS-LGA141A-05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LS-L296 OSRAM-LS-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L89K OSRAM-LS-L89K Datasheet
621Kb / 15P
   SMT package SCD 80, colorless diffused resin
More results

Podobny opis - LS-LGA141A-05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ironwood Electronics.
LS-BGA196E-15 IRONWOOD-LS-BGA196E-15 Datasheet
140Kb / 1P
   Primary dimension units are millimeters
LS-BGA1440A-05 IRONWOOD-LS-BGA1440A-05 Datasheet
108Kb / 2P
   Primary dimension units are millimeters
LS-BGA1760A-15 IRONWOOD-LS-BGA1760A-15 Datasheet
153Kb / 1P
   Primary dimension units are millimeters
LS-BGA289F-05 IRONWOOD-LS-BGA289F-05 Datasheet
117Kb / 1P
   Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
   Primary dimension units are millimeters
SF-BGA177A-B-64 IRONWOOD-SF-BGA177A-B-64 Datasheet
378Kb / 2P
   Primary dimension units are millimeters
SF-BGA196C-B-42 IRONWOOD-SF-BGA196C-B-42 Datasheet
355Kb / 1P
   Primary dimension units are millimeters
SF-BGA724A-B-42 IRONWOOD-SF-BGA724A-B-42 Datasheet
713Kb / 1P
   Primary dimension units are millimeters
SF-BGA108E-61F IRONWOOD-SF-BGA108E-61F Datasheet
187Kb / 1P
   Primary dimension units are millimeters
SF-BGA56H-B-74 IRONWOOD-SF-BGA56H-B-74 Datasheet
180Kb / 1P
   Primary dimension units are millimeters
SF-BGA71A-B-64 IRONWOOD-SF-BGA71A-B-64 Datasheet
210Kb / 2P
   Primary dimension units are millimeters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com