Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4001-2 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADA4001-2
Szczegółowy opis  Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4001-2 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADA4001-2_16 Datasheet HTML 4Page - Analog Devices ADA4001-2_16 Datasheet HTML 5Page - Analog Devices ADA4001-2_16 Datasheet HTML 6Page - Analog Devices ADA4001-2_16 Datasheet HTML 7Page - Analog Devices ADA4001-2_16 Datasheet HTML 8Page - Analog Devices ADA4001-2_16 Datasheet HTML 9Page - Analog Devices ADA4001-2_16 Datasheet HTML 10Page - Analog Devices ADA4001-2_16 Datasheet HTML 11Page - Analog Devices ADA4001-2_16 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
ADA4001-2
Rev. C | Page 7 of 12
12
0.1%
0.01%
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
SETTLING TIME (µs)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 14. Settling Time Positive Step
12
8
10
4
6
0
2
–4
–2
–8
–6
–12
–10
0
2
4
6
8
1
3
5
7
9
10
TIME (µs)
ADA4001-2
VSY = ±15V
TA = 25°C
AV = +1
RL = 2kΩ
CL = 100pF
Figure 15. Large Signal Transient Response
75
50
25
0
–25
–50
–75
0
2
4
6
8
10
TIME (µs)
ADA4001-2
VSY = ±15V
TA = 25°C
AV = +1
RL = 2kΩ
CL = 100pF
Figure 16. Small Signal Transient Response
12
0.1%
0.01%
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
SETTLING TIME (µs)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 17. Settling Time Negative Step
100
10
1
0.001
0.01
0.1
1
10
100
FREQUENCY (kHz)
ADA4001-2
VSY = ±15V
TA = 25°C
Figure 18. Voltage Noise Density
40
45
50
35
30
0
25
20
15
10
5
0.01
0.1
1
CAPACITANCE (nF)
OS–
OS+
ADA4001-2
VSY = ±15V
TA = 25°C
AV = +1
Figure 19. Overshoot vs. Load Capacitance


Podobny numer części - ADA4001-2_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4001-2ARZ AD-ADA4001-2ARZ Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2ARZ-R7 AD-ADA4001-2ARZ-R7 Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
ADA4001-2ARZ-RL AD-ADA4001-2ARZ-RL Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
More results

Podobny opis - ADA4001-2_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
ADA4001-2 AD-ADA4001-2 Datasheet
357Kb / 12P
   Low Noise, Low Input Bias Current, Rail-to-Rail
REV. B
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831 Datasheet
686Kb / 24P
   Single Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifier
AZV832 BCDSEMI-AZV832 Datasheet
779Kb / 24P
   Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output CMOS Operational Amplifiers
logo
New Japan Radio
NJU7029 NJRC-NJU7029 Datasheet
550Kb / 13P
   Low Noise, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV831 BCDSEMI-AZV831_12 Datasheet
823Kb / 27P
   Single/Dual Low Bias Current, Low Voltage, Rail-to-Rail Input/Output
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
logo
Texas Instruments
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Rohm
LMR376YG-C ROHM-LMR376YG-C Datasheet
1Mb / 20P
   Automotive Low Offset Low Noise & Rail-to-Rail Input/Output CMOS Operational Amplifier
10.Feb.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com