Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4528-2ACPZ-RL Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADA4528-2ACPZ-RL
Szczegółowy opis  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4528-2ACPZ-RL Arkusz danych(HTML) 2 Page - Analog Devices

  ADA4528-2ACPZ-RL Datasheet HTML 1Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 2Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4528-2ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. D | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Connection Diagrams............................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—2.5 V Operation ............................ 3
Electrical Characteristics—5 V Operation................................ 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ............................8
Typical Performance Characteristics ........................................... 10
Applications Information .............................................................. 20
Input Protection ......................................................................... 20
Rail-to-Rail Input and Output.................................................. 20
Noise Considerations................................................................. 20
Comparator Operation.............................................................. 22
Printed Circuit Board Layout ................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 25
REVISION HISTORY
5/13—Rev. C to Rev. D
Added 8-Lead LFCSP Package (CP-8-11).......................Universal
Changes to Table 5............................................................................ 7
Added Figure 7, Renumbered Sequentially .................................. 8
Added Figure 62 and Figure 63..................................................... 19
Changes to Comparator Operation Section, Figure 68,
Figure 69, Figure 70, and Figure 71.............................................. 21
Changes to Figure 72...................................................................... 22
Added Figure 76.............................................................................. 24
9/12—Rev. B to Rev. C
Changes to Features Section............................................................ 1
Added Comparator Operation Section ....................................... 21
Added Figure 65 to Figure 69; Renumbered Sequentially ........ 21
7/12—Rev. A to Rev. B
Added ADA4528-2.............................................................Universal
Changes to Features Section, Figure 1, Figure 2, and Table 1 .... 1
Added Pin Connection Diagrams Section and Figure 3;
Renumbered Sequentially................................................................ 1
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 5
Change to Endnote 1 of Table 4 and Thermal Resistance
Section................................................................................................ 7
Added Pin Configurations and Function Descriptions Section,
Figure 4, Figure 5, and Table 6........................................................ 8
Added Figure 6 and Table 7 .............................................................9
Changes to Input Protection Section........................................... 19
Changes to Source Resistance Section and
Caption of Figure 63....................................................................... 20
Changes to Residual Voltage Ripple Section and
Caption of Figure 64....................................................................... 21
Changes to Ordering Guide.......................................................... 22
9/11—Rev. 0 to Rev. A
Added 8-Lead LFCSP_WD Package................................Universal
Changes to General Description Section ......................................1
Added Figure 2; Renumbered Sequentially ...................................1
Changes to Offset Voltage, Offset Voltage Drift, Power Supply
Rejection Ratio, and Settling Time to 0.1% Parameters, Table 2...3
Changes to Thermal Resistance Section and Table 5 ...................5
Changes to Figure 41 and Figure 44 ............................................ 12
Changes to Figure 45 and Figure 48 ............................................ 13
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide.......................................................... 18
1/11—Revision 0: Initial Version


Podobny numer części - ADA4528-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4528-2ACPZ-RL AD-ADA4528-2ACPZ-RL Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
More results

Podobny opis - ADA4528-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
   Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
TP5591 3PEAK-TP5591 Datasheet
1Mb / 15P
   Low Noise, 1.8V, 3.3MHz, RRIO, Zero Drift Op-amps
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com