Zakładka z wyszukiwarką danych komponentów |
|
ADA4610-4ACPZ-RL Arkusz danych(PDF) 3 Page - Analog Devices |
|
ADA4610-4ACPZ-RL Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 25 page Data Sheet ADA4610-1/ADA4610-2/ADA4610-4 Rev. G | Page 3 of 25 SPECIFICATIONS VSY = ±5 V, VCM = 0 V, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS B Grade (ADA4610-1/ADA4610-2) 0.2 0.4 mV −40°C < TA < +125°C 0.8 mV A Grade 0.4 1 mV −40°C < TA < +125°C 1.8 mV Offset Voltage Drift ΔVOS/ΔT B Grade (ADA4610-1/ADA4610-2)1 0.5 4 µV/°C A Grade1 (SOIC, MSOP, LFSCP) 1 8 µV/°C A Grade1 (SOT-23) 1 12 µV/°C Input Bias Current IB 5 25 pA −40°C < TA < +125°C 1.5 nA Input Offset Current IOS 2 20 pA −40°C < TA < +125°C 0.25 nA Input Voltage Range −2.5 +2.5 V Common-Mode Rejection Ratio CMRR VCM = −2.5 V to +2.5 V 94 110 dB −40°C < TA < +125°C 86 dB Large Signal Voltage Gain AVO RL = 2 kΩ, VOUT = −3.5 V to +3.5 V ADA4610-2 98 100 dB −40°C < TA < +125°C 86 dB ADA4610-1/ADA4610-4 96 98 dB −40°C < TA < +125°C 84 dB Input Capacitance VCM = 0 V Differential 3.1 pF Common-Mode 4.8 pF Input Resistance VCM = 0 V >1013 Ω OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 2 kΩ 4.85 4.90 V −40°C < TA < +125°C 4.60 V RL = 600 Ω 4.60 4.89 V −40°C < TA < +125°C 4.05 V Output Voltage Low VOL RL = 2 kΩ −4.95 −4.90 V −40°C < TA < +125°C −4.75 V RL = 600 Ω −4.90 −4.80 V −40°C < TA < +125°C −4.40 V Short-Circuit Current ISC ±63 mA POWER SUPPLY Power Supply Rejection Ratio PSRR VSY = ±4.5 V to ±18 V ADA4610-2 106 125 dB −40°C < TA < +125°C 103 dB ADA4610-1/ADA4610-4 104 117 dB −40°C < TA < +125°C 100 dB Supply Current per Amplifier ISY IOUT = 0 mA 1.50 1.70 mA −40°C < TA < +125°C 1.85 mA |
Podobny numer części - ADA4610-4ACPZ-RL |
|
Podobny opis - ADA4610-4ACPZ-RL |