Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4891-4ARU-EBZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADA4891-4ARU-EBZ
Szczegółowy opis  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4891-4ARU-EBZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADA4891-4ARU-EBZ Datasheet HTML 2Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 3Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 4Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 5Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 6Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 7Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 8Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 9Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Data Sheet
Rev. F | Page 6 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
5
GΩ
Input Capacitance
3.2
pF
Input Common-Mode Voltage Range
−VS − 0.3 to
+VS − 0.8
V
Common-Mode Rejection Ratio (CMRR)
VCM = 0 V to 1.5 V
87
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ to 1.5 V
0.01 to 2.98
V
RL = 150 Ω to 1.5 V
0.07 to 2.87
V
Output Current
1% THD with 1 MHz, VO = 2 V p-p
37
mA
Short-Circuit Current
Sourcing
80
mA
Sinking
163
mA
POWER-DOWN PINS (PD1, PD2, PD3)
ADA4891-3, ADA4891-3W only
Threshold Voltage, VTH
1.3
V
Bias Current
Device enabled
48
nA
Device powered down
−13
µA
Turn-On Time
Device enabled, output rises to 90% of final value
185
ns
Turn-Off Time
Device powered down, output falls to 10% of
final value
58
ns
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current per Amplifier
3.5
mA
Supply Current When Powered Down
ADA4891-3, ADA4891-3W only
0.73
mA
Power Supply Rejection Ratio (PSRR)
Positive PSRR
+VS = 3 V to 3.15 V, −VS = 0 V
76
dB
Negative PSRR
+VS = 3 V, −VS = −0.15 V to 0 V
72
dB
OPERATING TEMPERATURE RANGE
−40
+125
°C


Podobny numer części - ADA4891-4ARU-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4891-4ARU-EBZ AD-ADA4891-4ARU-EBZ Datasheet
653Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
More results

Podobny opis - ADA4891-4ARU-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4891-1 AD-ADA4891-1 Datasheet
653Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
ADA4891-1ARJZ AD-ADA4891-1ARJZ Datasheet
417Kb / 20P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com