Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4891-4ARU-EBZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA4891-4ARU-EBZ
Szczegółowy opis  Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4891-4ARU-EBZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA4891-4ARU-EBZ Datasheet HTML 5Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 6Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 7Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 8Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 9Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 10Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 11Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 12Page - Analog Devices ADA4891-4ARU-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4
Rev. F | Page 9 of 24
FREQUENCY (MHz)
–6
–5
–4
–3
–2
–1
0
3
4
5
6
1
2
7
0.1
1
10
100
1k
+125°C
+25°C
0°C
–40°C
VS = 3V
G = +1
VOUT = 200mV p-p
RL = 1kΩ
+85°C
Figure 13. Small-Signal Frequency Response vs. Temperature, VS = 3 V,
ADA4891-1/ADA4891-2
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
1
0.1
10
100
FREQUENCY (MHz)
G = +2
RF = 604Ω
RL = 150Ω
VS = 3V
VOUT = 2V p-p
VS = 5V
VOUT = 1.4V p-p
VS = 3V
VOUT = 1.4V p-p
VS = 5V
VOUT = 2V p-p
Figure 14. 0.1 dB Gain Flatness vs. Supply Voltage, G = +2,
ADA4891-1/ADA4891-2
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
RL = 150Ω
G = +1
VOUT = 1V p-p
G = –1
VOUT = 2V p-p
G = +2
VOUT = 2V p-p
G = +5
VOUT = 2V p-p
Figure 15. Large-Signal Frequency Response vs. Gain, VS = 5 V,
ADA4891-1/ADA4891-2
FREQUENCY (MHz)
–6
–5
–4
–3
–2
–1
0
3
4
5
6
1
2
7
0.1
1
10
100
1k
VS = 3V
G = +1
VOUT = 200mV p-p
RL = 1kΩ
+125°C
+85°C
+25°C
0°C
–40°C
Figure 16. Small-Signal Frequency Response vs. Temperature, VS = 3 V,
ADA4891-3/ADA4891-4
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.1
1
10
100
FREQUENCY (MHz)
VS = 3V
VOUT = 1.4V p-p
VS = 3V
VOUT = 2V p-p
VS = 5V
VOUT = 2V p-p
G = +2
RF = 374Ω
RL = 150Ω
VS = 5V
VOUT = 1.4V p-p
Figure 17. 0.1 dB Gain Flatness vs. Supply Voltage, G = +2,
ADA4891-3/ADA4891-4
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.1
1
10
100
1k
FREQUENCY (MHz)
VS = 5V
RL = 150Ω
G = +1
VOUT = 1V p-p
G = –1
VOUT = 2V p-p
G = +5
VOUT = 2V p-p
G = +2
VOUT = 2V p-p
Figure 18. Large-Signal Frequency Response vs. Gain, VS = 5 V,
ADA4891-3/ADA4891-4


Podobny numer części - ADA4891-4ARU-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4891-4ARU-EBZ AD-ADA4891-4ARU-EBZ Datasheet
653Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
More results

Podobny opis - ADA4891-4ARU-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4891-1 AD-ADA4891-1 Datasheet
653Kb / 24P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. B
ADA4891-1ARJZ AD-ADA4891-1ARJZ Datasheet
417Kb / 20P
   Low Cost CMOS, High Speed, Rail-to-Rail Amplifiers
REV. A
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com