Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA2EGAHQABCQ1 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TDA2EGAHQABCQ1
Szczegółowy opis  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGAHQABCQ1 Arkusz danych(HTML) 2 Page - Texas Instruments

  TDA2EGAHQABCQ1 Datasheet HTML 1Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 2Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 3Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 4Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 5Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 393 page
background image
2
TDA2EG
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
LVDS or Ethernet Surround View
3D Surround View
Rear Object Detection
Parking Assist
Pedestrian Detection
Lane Tracking
Drive Recording
Sensor Fusion – Vision, Radar, Ultrasonic, Lidar
Sensors
Object Data Fusion
Raw Data Fusion
1.3
Description
TI’s new TDA2Ex System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to
meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA2Ex family
enables broad ADAS applications in today’s automobile by integrating an optimal mix of performance, low
power, and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free
driving experience.
The TDA2Ex SoC enables sophisticated embedded vision technology in today’s automobile by enabling a
board range of ADAS applications including park assist, surround view and sensor fusion on a single
architecture.
The TDA2Ex SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed
and floating-point TMS320C66x digital signal processor (DSP) generation core, ARM Cortex-A15
MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for decoding multiple
video streams over an Ethernet AVB network, along with graphics accelerator for rendering virtual views,
enable a 3D viewing experience. The TDA2Ex SoC also integrates a host of peripherals including
multicamera interfaces (both parallel and serial, including CSI-2) to enable Ethernet or LVDS-based
surround view systems, displays and GigB Ethernet AVB.
Additionally, TI provides a complete set of development tools for the ARM and DSP, including C
compilers, a DSP assembly optimizer to simplify programming and scheduling, and a debugging interface
for visibility into source code execution.
The TDA2Ex ADAS processor is qualified according to the AEC-Q100 standard.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
TDA2EG
FCBGA (760)
23.0 mm × 23.0 mm


Podobny numer części - TDA2EGAHQABCQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2EGAHQABCQ1 TI1-TDA2EGAHQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Podobny opis - TDA2EGAHQABCQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com