Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM150N Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADUM150N
Szczegółowy opis  High robustness to radiated and conducted noise
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM150N Arkusz danych(HTML) 3 Page - Analog Devices

  ADUM150N Datasheet HTML 1Page - Analog Devices ADUM150N Datasheet HTML 2Page - Analog Devices ADUM150N Datasheet HTML 3Page - Analog Devices ADUM150N Datasheet HTML 4Page - Analog Devices ADUM150N Datasheet HTML 5Page - Analog Devices ADUM150N Datasheet HTML 6Page - Analog Devices ADUM150N Datasheet HTML 7Page - Analog Devices ADUM150N Datasheet HTML 8Page - Analog Devices ADUM150N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADuM150N/ADuM151N/ADuM152N
Rev. 0 | Page 3 of 22
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within pulse width distortion (PWD) limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
t
PHL, tPLH
4.8
7.2
13
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.5
4.5
ns
|t
PLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
t
PSK
6.1
ns
Between any two units at the
same temperature, voltage, and load
Channel Matching
Codirectional
t
PSKCD
0.5
4.0
ns
Opposing Direction
t
PSKOD
0.5
4.5
ns
Jitter
490
ps p-p
See the Jitter Measurement section
70
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
V
IH
0.7 ×
V
DDx
V
Logic Low
V
IL
0.3 ×
V
DDx
V
Output Voltage
Logic High
V
OH
V
DDx − 0.1
V
DDx
V
I
Ox
2 = −20 µA, V
Ix = VIxH
3
V
DDx − 0.4
V
DDx
0.2
V
I
Ox
2 = −4 mA, V
Ix = VIxH
3
Logic Low
V
OL
0.0
0.1
V
I
Ox
2 = 20 µA, V
Ix = VIxL
4
0.2
0.4
V
I
Ox
2 = 4 mA, V
Ix = VIxL
4
Input Current per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDx
Quiescent Supply Current
ADuM150N
I
DD1 (Q)
2.54
3.70
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
3.34
4.56
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
16.8
27.5
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
3.57
4.90
mA
V
I
5 = 1 (N0), 0 (N1)6
ADuM151N
I
DD1 (Q)
2.79
4.09
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
3.20
4.22
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
14.2
23
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
7.08
11.1
mA
V
I
5 = 1 (N0), 0 (N1)6
ADuM152N
I
DD1 (Q)
2.91
4.11
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
2.95
4.15
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
11.1
19.5
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
10.5
16.7
mA
V
I
5 = 1 (N0), 0 (N1)6
Dynamic Supply Current
Inputs switching, 50% duty cycle
Dynamic Input
I
DDI (D)
0.01
mA/Mbps
Dynamic Output
I
DDO (D)
0.02
mA/Mbps


Podobny numer części - ADUM150N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1510 AD-ADUM1510 Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510 AD-ADUM1510 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1510 AD-ADUM1510 Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
More results

Podobny opis - ADUM150N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
   Relay to demonstrate board noise robustness
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
Roithner LaserTechnik G...
LED760-40K42 ROITHNER-LED760-40K42 Datasheet
60Kb / 1P
   High radiated intensity
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
   Excellent receiver sensitivity and robustness to interference
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
   High Dynamic Robustness
2015-09-14 revision:3.0
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
   Very high transient robustness
logo
Johanson Technology Inc...
0900AT43A0070 JOHANSON-0900AT43A0070 Datasheet
1,001Kb / 8P
   Radiated Efficiency
logo
JMK Inc.
GF-2032-2 JMK-GF-2032-2 Datasheet
561Kb / 1P
   This filter was developed to suppress conducted electrical noise from MRI LED lighting systems.
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com