Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345-EP Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL345-EP
Szczegółowy opis  ADXL345-EP
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
3-Axis, ±2 g/±4 g/±8 g/±16 g
Digital Accelerometer
Enhanced Product
ADXL345-EP
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow power: as low as 23 µA in measurement mode and
0.1 µA in standby mode at VS = 2.5 V (typical)
Power consumption scales automatically with bandwidth
User-selectable resolution from 10 to 13 bits
4 mg/LSB scale factor in all g ranges
32-sample FIFO minimizes host processor load
Single tap, double tap, and free-fall detection
Activity/inactivity monitoring
Supply voltage range: 2.0 V to 3.6 V
I/O voltage range: 1.7 V to VS
SPI (3- and 4-wire) and I2C digital interfaces
Flexible interrupt modes mappable to either interrupt pin
Measurement ranges selectable via serial command
Bandwidth selectable via serial command
10,000 g shock survival
Pb free/RoHS compliant
Small and thin: 3 mm × 5 mm × 1 mm LGA package
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC standard)
Extended industrial temperature range (−55°C to +105°C)
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Industrial equipment
Aerospace equipment
GENERAL DESCRIPTION
The ADXL345-EP is an extended performance version of
the ADXL345, which is a small, thin, ultralow power, 3-axis
accelerometer with high resolution (13-bit) measurement at up to
±16 g. Digital output data is formatted as 16-bit twos complement
and is accessible through either a SPI (3- or 4-wire) or I2C digital
interface.
The ADXL345-EP is well suited for extended temperature range
industrial and aerospace equipment. It measures the static
acceleration of gravity in tilt-sensing applications, as well as
dynamic acceleration resulting from motion or shock. Its high
resolution (3.9 mg/LSB) enables measurement of inclination
changes less than 1.0°.
Several special sensing functions are provided. Activity and
inactivity sensing detect the presence or lack of motion by
comparing the acceleration on any axis with user-set thresholds.
Tap sensing detects single and double taps in any direction. Free-
fall sensing detects if the device is falling. These functions can
be mapped individually to either of two interrupt output pins.
An integrated memory management system with a 32-level first in,
first out (FIFO) buffer can be used to store data to minimize host
processor activity and lower overall system power consumption.
Low power modes enable intelligent motion-based power
management with threshold sensing and active acceleration
measurement at extremely low power dissipation.
The ADXL345-EP is supplied in a small, thin, 3 mm × 5 mm ×
1 mm, 14-lead, enhanced plastic package.
FUNCTIONAL BLOCK DIAGRAM
3-AXIS
SENSOR
SENSE
ELECTRONICS
DIGITAL
FILTER
ADXL345-EP
POWER
MANAGEMENT
CONTROL
AND
INTERRUPT
LOGIC
SERIAL I/O
INT1
VS
VDD I/O
INT2
SDA/SDI/SDIO
SDO/ALT
ADDRESS
SCL/SCLK
GND
ADC
32 LEVEL
FIFO
CS
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl