Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL345TCCZ-EP Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL345TCCZ-EP
Szczegółowy opis  ADXL345-EP
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL345-EP
Enhanced Product
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
CS
SDA/SDI/SDIO
SDO/ALT ADDRESS
RESERVED
NC
INT2
INT1
VDD I/O
GND
RESERVED
GND
GND
VS
13
12
11
10
9
8
1
2
3
4
+x
+y
+z
5
6
14
7
SCL/SCLK
ADXL345-EP
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD I/O
Digital Interface Supply Voltage.
2
GND
This pin must be connected to ground.
3
RESERVED
Reserved. This pin must be connected to VS or left open.
4
GND
This pin must be connected to ground.
5
GND
This pin must be connected to ground.
6
VS
Supply Voltage.
7
CS
Chip Select.
8
INT1
Interrupt 1 Output.
9
INT2
Interrupt 2 Output.
10
NC
Not Internally Connected.
11
RESERVED
Reserved. This pin must be connected to ground or left open.
12
SDO/ALT ADDRESS
Serial Data Output (SPI 4-Wire)/Alternate I2C Address Select (I2C).
13
SDA/SDI/SDIO
Serial Data (I2C)/Serial Data Input (SPI 4-Wire)/Serial Data Input and Output (SPI 3-Wire).
14
SCL/SCLK
Serial Communications Clock. SCL is the clock for I2C, and SCLK is the clock for SPI.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl