Zakładka z wyszukiwarką danych komponentów |
|
ADSP-BF705BBCZ-3 Arkusz danych(PDF) 7 Page - Analog Devices |
|
ADSP-BF705BBCZ-3 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 116 page Rev. A | Page 7 of 116 | September 2015 ADSP-BF700/701/702/703/704/705/706/707 output enable and the input enable of a GPIO pin are both active, the data signal before the pad driver is looped back to the receive path for the same GPIO pin. MEMORY ARCHITECTURE The processor views memory as a single unified 4G byte address space, using 32-bit addresses. All resources, including internal memory, external memory, and I/O control registers, occupy separate sections of this common address space. The memory portions of this address space are arranged in a hierarchical structure to provide a good cost/performance balance of some very fast, low-latency core-accessible memory as cache or SRAM, and larger, lower-cost and performance interface-acces- sible memory systems. See Figure 3. Internal (Core-Accessible) Memory The L1 memory system is the highest-performance memory available to the Blackfin+ processor core. The core has its own private L1 memory. The modified Harvard architecture supports two concurrent 32-bit data accesses along with an instruction fetch at full processor speed which provides high-bandwidth processor performance. In the core, a 64K byte block of data memory partners with an 64K byte memory block for instruction storage. Each data block is multibanked for effi- cient data exchange through DMA and can be configured as SRAM. Alternatively, 16K bytes of each block can be configured in L1 cache mode. The four-way set-associative instruction cache and the 2 two-way set-associative data caches greatly accelerate memory access performance, especially when access- ing external memories. The L1 memory domain also features a 8K byte data SRAM block which is ideal for storing local variables and the software stack. All L1 memory is protected by a multi-parity-bit concept, regardless of whether the memory is operating in SRAM or cache mode. Outside of the L1 domain, L2 and L3 memories are arranged using a Von Neumann topology. The L2 memory domain is a unified instruction and data memory and can hold any mixture of code and data required by the system design. The L2 memory domain is accessible by the Blackfin+ core through a dedicated 64-bit interface. It operates at SYSCLK frequency. The processor features up to 1M byte of L2 SRAM, which is ECC-protected and organized in eight banks. Individual banks can be made private to any system master. There is also a 512K byte single-bank ROM in the L2 domain. It contains boot code, security code, and general-purpose ROM space. OTP Memory The processor features 4 kB of one-time-programmable (OTP) memory which is memory-map accessible. This memory stores a unique chip identification and is used to support secure-boot and secure operation. Figure 3. ADSP-BF706/ADSP-BF707 Internal/External Memory Map PROCESSOR MEMORY MAP 0x 0810 0000 - Reserved DDR2 or LPDDR Memory (256 MB) Reserved Static Memory Block 1 (8 KB) Reserved Static Memory Block 0 (8 KB) Reserved SPI2 Memory (128 MB) Reserved OTP Memory (4 KB) Reserved STM Memory (4 KB) System MMR Registers (3 MB) Core MMR Registers (4 MB) Reserved Reserved Reserved Reserved Reserved Reserved Reserved L1 Data Block C (8 KB) L1 Instruction SRAM/Cache (16 KB) L1 Instruction SRAM (48 KB) L1 Data Block B SRAM/Cache (16 KB) L1 Data Block B SRAM (16 KB) L1 Data Block A SRAM/Cache (16 KB) L1 Data Block A SRAM (16 KB) L2 SRAM (1024 KB) L2 ROM (448 KB) Boot ROM (64 KB) 0x FFFF FFFF - 0x 9000 0000 - 0x 8000 0000 - 0x 7400 2000 - 0x 7400 0000 - 0x 7000 2000 - 0x 7000 0000 - 0x 4800 0000 - 0x 4000 0000 - 0x 3800 1000 - 0x 3800 0000 - 0x 2030 1000 - 0x 2030 0000 - 0x 2000 0000 - 0x 1FC0 0000 - 0x 11B0 2000 - 0x 11B0 0000 - 0x 11A1 0000 - 0x 11A0 C000 - 0x 11A0 0000 - 0x 1190 8000 - 0x 1190 4000 - 0x 1190 0000 - 0x 1180 8000 - 0x 1180 4000 - 0x 1180 0000 - 0x 0800 0000 - 0x 0408 0000 - 0x 0401 0000 - 0x 0400 0000 - 0x 0000 0000 - |
Podobny numer części - ADSP-BF705BBCZ-3 |
|
Podobny opis - ADSP-BF705BBCZ-3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |