Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP21-L20-DC24V-20A Arkusz danych(PDF) 2 Page - ETAL Group

Numer części SMP21-L20-DC24V-20A
Szczegółowy opis  Wide range voltage input from AC 90 to 264 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP21-L20-DC24V-20A Arkusz danych(HTML) 2 Page - ETAL Group

  SMP21-L20-DC24V-20A Datasheet HTML 1Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 2Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 3Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 4Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 5Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP21 DC24V/20A
www.e-t-a.de
1646
2
3
Dimensions
GENERAL TOLERANCE
0.00 (0.00) - 30.00 (1.18)
±0.30 (0.01)
±1.50 (0.06)
30.00 (1.18) - 120.00 (4.72)
±1.50 (0.06)
120.00 (4.72) - 400.00 (15.75)
9
7
9
7
6
1
6
1
24 V DC/20 A
115/230 V AC
7.0/3.5 A
47-63Hz
Vout Adj.
Single
Parallel
DC LO
DC ON
NL
SMP21
Rdy
24 V DC/20 A
115/230 V AC
7.0/3.5 A
47-63Hz
Vout Adj.
Single
Parallel
DC LO
DC ON
NL
SMP21
Rdy
116.6 (4.59)
7.0 (0.3)
175.50 (6.91)
175.50 (6.91)
L20
S20
Technical data (TU = 25°C, UB = AC 100...240 V, I0 = 20 A)
Technical data (TU = 25°C, UB = AC 100...240 V, I0 = 20 A)
Inrush current
at AC 115 V
at AC 230 V
25 A max.
50 A max.
Power loss
(at UB 230 V, I0 20 A)
63 W typically
Power factor
compensation (active)
0.99 A typically at UB = AC 115 V
0.97 A typically at UB = AC 230 V
Output circuit
Rated voltage U0
DC 24 V SELV
Current rating I0
20 A
Output voltage accuracy 0…+1 %
Min. load
0 %
Supply regulation
± 0.5 % at UE min. … UE max.
Load regulation
Single mode
Parallel mode
± 1 %
± 5 %
Voltage adjustment
range
DC 22.5…28.5 V at 0.8 x I0
Continuous load
20 A at U0 = DC 24 V, 16.8 A at
U0 = DC 28.5 V
Power boost factor
typically 125 % (110%...140% see
output curve)
Short circuit behaviour
U/I trip curve
Exposure time
25 / 30 ms
ON delay at:
resistive load
capacitive load of
7,000 µF
1 s
1.5 s
Rise time at:
resistive load
capacitive load of
7,000 µF
150 ms
0.5 s
Release time
150 ms
Residual ripple
100 mV, spectrum = 20 MHz
Reverse polarity voltage
resistance
DC 35 V min.
Capacitive load
7,000 µF max.
Parallel mode
3 power supplies max. at
0.1 x I0…0.9 x I0
Control and protection circuit
input protection
internal blade fuse
T10A / AC 250 V
Recommended back-up
fuse
1-pole MCB, e.g. E-T-A type 4230
Current rating
10 A / 16 A ➞ max. 20 A
Characteristic curve
B / C / D
Internal overvoltage
protection
varistor
available power
(output RDY)
Contact closed at:
DC 17.6...19.4 V
Insulation voltage
Contact load at
DC 500 V (to output)
DC 60 V / 0.3 A
Overvoltage protection
30…33 V at 0.8 x I0
Degree of protection
IP20
Physical data
Dimensions (h x w x d)
version L20 with
screw terminals:
Version S20 with
removeable plug
124.5 x 175.5 x 123.6 mm
(4,9 x 6,91 x 4,87 inches)
143.5 x 175.5 x 123.6 mm
(5.65 x 6.91 x 4.87 inches)
Housing material:
metal
Mass
approx. 1920 g
Vibration (random
vibration, to IEC
60068-2-6)
mounted on symmetrical rail, 10 - 500 Hz,
2 g, on X, Y & Z axis, 60 minutes per axis
Shock
(to IEC 60068-2-27,)
15 g (11 ms), 3 axes,
6 sides, 3 times per side


Podobny numer części - SMP21-L20-DC24V-20A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
More results

Podobny opis - SMP21-L20-DC24V-20A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
   Wide range voltage input from AC 88 to 264 V
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
   Wide-Range AC Input 90-264 VAC
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
   Wide-Range AC Input 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
   Wide Input Voltage Range 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com