Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP21-L20-DC24V-20A Arkusz danych(PDF) 6 Page - ETAL Group

Numer części SMP21-L20-DC24V-20A
Szczegółowy opis  Wide range voltage input from AC 90 to 264 V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP21-L20-DC24V-20A Arkusz danych(HTML) 6 Page - ETAL Group

  SMP21-L20-DC24V-20A Datasheet HTML 1Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 2Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 3Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 4Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 5Page - ETAL Group SMP21-L20-DC24V-20A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.e-t-a.de
1646
6
3
All dimensions without tolerances are for reference only. E-T-A reserves the right change
specifications at any time in the interest of improved design, performance and cost
effectiveness, the right to make changes in these specifications without notice is reserved.
Product markings may not be exactly as the ordering codes. Errors and omissions excepted.


Podobny numer części - SMP21-L20-DC24V-20A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
SMP21-L20-DC24V-10A ETAL-SMP21-L20-DC24V-10A Datasheet
416Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
SMP21-L20-DC24V-5A ETAL-SMP21-L20-DC24V-5A Datasheet
414Kb / 6P
   The devices switches over automatically when connected to AC 115 V AC and 230 V
More results

Podobny opis - SMP21-L20-DC24V-20A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
SMP11 ETAL-SMP11 Datasheet
425Kb / 6P
   Wide range voltage input from AC 88 to 264 V
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
   Wide-Range AC Input 90-264 VAC
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
   Wide-Range AC Input 90-264 VAC
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
   Wide Input Voltage Range 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com