Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESX10-TC-114-DC12V-3A-E Arkusz danych(PDF) 3 Page - ETAL Group

Numer części ESX10-TC-114-DC12V-3A-E
Szczegółowy opis  Selective load protection, electronic trip characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TC-114-DC12V-3A-E Arkusz danych(HTML) 3 Page - ETAL Group

  ESX10-TC-114-DC12V-3A-E Datasheet HTML 1Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 2Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 3Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 4Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 5Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 6Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 7Page - ETAL Group ESX10-TC-114-DC12V-3A-E Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10-TC DC 12 V
1642
3
4
Electronic Circuit Protector ESX10-TC DC 12 V
Ordering configuration for ATEX versions: ...-E
Ordering information
Type No.
ESX10 Electronic Circuit Protector, with current limitation
Mounting and design
TC rail mounting, with signal contact and slot
for busbars and jumpers
Version
1
standard, without physical isolation in the event of a failure
Signal input
1
with control input IN+, only ESX10-T-114
2
with reset input RE, only ESX10-T-124
Signal output
4
status output SF
(only ESX10-T-114, ESX10-T-124)
Operating voltage
DC 12 V rated voltage DC 12 V
Current rating
1 A
2 A
3 A
4 A
6 A
10 A
ESX10 - TC 1
2
4 - DC 12 V - 10 A ordering example
Description of ESX10-T signal inputs and outputs (wiring diagrams)
see next page.
Type No.
ESX10 Electronic Circuit Protector, with current limitation
Mounting and design
TC rail mounting, with signal contact and slot
for busbars and jumpers
Version
1 standard, without physical isolation
Signal input
1
with control input IN+
2
with reset input RE
Signal output
4
status output SF
Operating voltage
DC 12 V rated voltage DC 12 V
Current rating
1...10 A
Approvals
E
ATEX
ESX10 -TC
1
2
4 -DC 12 V-10 A-E ordering example
Approvals
Information on UL approvals
ESX10-TC
UL1604
UL File # E320024
Operating Temperature Code T5
- This equipment is suitable for use in Class Ι, Division 2,
Groups A, B, C and D or non-hazardous locations only
WARNING:
- Exposure to some chemicals may degrade the sealing properties
of materials used in the following device: relay
Sealant Material:
Generic Name: Modified diglycidyl ether of bisphenol A
Supplier:
Fine Polymers Corporation
Type:
Epi Fine 4616L-160PK
Casing Material:
Generic Name: Liquid Crystal Polymer
Supplier:
Sumitomo Chemical
Type:
E4008, E4009, or E6008
RECOMMENDATION:
- Periodically inspect the device named above for any degradation
of properties and replace if degradation is found
WARNING – EXPLOSION HAZARD:
- Do not disconnect equipment unless power has been removed or
the area is known to be non-hazardous
- Substitution of any components may impair suitability for Class Ι,
Division 2
ESX10-TC
UL2367
Non-hazardous use - UL File # E306740
ESX10-TC
UL 508
Non-hazardous use - UL File # E322549
Class 2
Meets requirement for Class 2 current limitation
(ESX10-TC...-1 A/2 A/3 A/4 A/6 A)
Instruction leaflet
ESX10-TC
Authority
Standard
Voltage ratings Current ratings
UL
UL 2367
DC 12 V
1 A…12 A
UL
UL 1604
DC 12 V
0.5 A…10 A
UL
UL 508
C22.2 No 14
DC 12 V
0.5 A…10 A
TÜV
ATEX 94/9/EC
Annex VIII
EN 60079-0
EN 60079-11
EN 60079-15
DC 12 V
GL
Rules VI, part 7,
GL 2012, cate-
gory C, EMC1
DC 12 V
1 A…10 A
This device is suitable for use in Class I, Div 2, Groups A, B, C, D;
TC T5; Hazardous locations or nonhazardous locations only
Warnings:
1. Remove power before disconnecting device
or the area is known to be nonhazardous.
2. Components substitutions may impair suitability of Class I, Div 2.
3. Chemical exposure may degrade internal relay's sealing property.
Electronic Circuit Protector
ESX10-TC-DC 12 V
UL1604
Non-hazardous use
UL File # E306740
Refer to data sheet / installation guidelines for installation
and safety instructions.
UL2367
UL File # E320024
UL508
Non-hazardous use
UL File # E322549
E-T-A Elektrotechnische Apparate GmbH
Industriestraße 2-8 · D-90518 ALTDORF
GERMANY
Phone: +49 9187 10-0 · Fax: +49 9187 10-397
E-Mail: info@e-t-a.de · www.e-t-a.de


Podobny numer części - ESX10-TC-114-DC12V-3A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10-TA-100DC24V-0.5A-E ETAL-ESX10-TA-100DC24V-0.5A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-1A-E ETAL-ESX10-TA-100DC24V-1A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-2A-E ETAL-ESX10-TA-100DC24V-2A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-3A-E ETAL-ESX10-TA-100DC24V-3A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-6A-E ETAL-ESX10-TA-100DC24V-6A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
More results

Podobny opis - ESX10-TC-114-DC12V-3A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com